Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS3472 Datasheet(PDF) 15 Page - OSRAM GmbH

Part # TCS3472
Description  Color Light-to-Digital Converter with IR Filter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3472 Datasheet(HTML) 15 Page - OSRAM GmbH

Back Button TCS3472 Datasheet HTML 11Page - OSRAM GmbH TCS3472 Datasheet HTML 12Page - OSRAM GmbH TCS3472 Datasheet HTML 13Page - OSRAM GmbH TCS3472 Datasheet HTML 14Page - OSRAM GmbH TCS3472 Datasheet HTML 15Page - OSRAM GmbH TCS3472 Datasheet HTML 16Page - OSRAM GmbH TCS3472 Datasheet HTML 17Page - OSRAM GmbH TCS3472 Datasheet HTML 18Page - OSRAM GmbH TCS3472 Datasheet HTML 19Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
Page 14
ams Datasheet
Document Feedback
[v1-04] 2020-Apr-10
TCS3472 − Principles of Operation
RGBC Operation
The RGBC engine contains RGBC gain control (AGAIN) and four
integrating analog-to-digital converters (ADC) for the RGBC
photodiodes. The RGBC integration time (ATIME) impacts both
the resolution and the sensitivity of the RGBC reading.
Integration of all four channels occurs simultaneously and upon
completion of the conversion cycle, the results are transferred
to the color data registers. This data is also referred to as channel
count.
The transfers are double-buffered to ensure that invalid data is
not read during the transfer. After the transfer, the device
automatically moves to the next state in accordance with the
configured state machine.
Figure 18:
RGBC Operation
Note(s):
1. In this document, the nomenclature uses the bit field name in italics followed by the register address and bit number to allow the
user to easily identify the register and bit that controls the function. For example, the power on (PON) is in register 0x00, bit 0. This
is represented as PON (r0x00:b0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com