Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS3472 Datasheet(PDF) 20 Page - OSRAM GmbH

Part # TCS3472
Description  Color Light-to-Digital Converter with IR Filter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3472 Datasheet(HTML) 20 Page - OSRAM GmbH

Back Button TCS3472 Datasheet HTML 16Page - OSRAM GmbH TCS3472 Datasheet HTML 17Page - OSRAM GmbH TCS3472 Datasheet HTML 18Page - OSRAM GmbH TCS3472 Datasheet HTML 19Page - OSRAM GmbH TCS3472 Datasheet HTML 20Page - OSRAM GmbH TCS3472 Datasheet HTML 21Page - OSRAM GmbH TCS3472 Datasheet HTML 22Page - OSRAM GmbH TCS3472 Datasheet HTML 23Page - OSRAM GmbH TCS3472 Datasheet HTML 24Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
ams Datasheet
Page 19
[v1-04] 2020-Apr-10
Document Feedback
TCS3472 − I²C Protocol
Interface and control are accomplished through an I²C serial
compatible interface (standard or fast mode) to a set of registers
that provide access to device control functions and output data.
The devices support the 7-bit I²C addressing protocol.
The I²C standard provides for three types of bus transaction:
read, write, and a combined protocol (Figure 23). During a write
operation, the first byte written is a command byte followed by
data. In a combined protocol, the first byte written is the
command byte followed by reading a series of bytes. If a read
command is issued, the register address from the previous
command will be used for data access. Likewise, if the MSB of
the command is not set, the device will write a series of bytes
at the address stored in the last valid command with a register
address. The command byte contains either control information
or a 5-bit register address. The control commands can also be
used to clear interrupts.
The I²C bus protocol was developed by Philips (now NXP). For
a complete description of the I²C protocol, please review the
NXP I²C design specification at www.i2c-bus.org/references/.
Figure 23:
I²C Protocols
I²C Protocol
Repeated Start Condition
Write (0)
Continuation of Protocol
Master - to - Slave
Slave - to - Master
Sr
W
Acknowledge (0)
Not Acknowledged (1)
Stop Condition
Read (1)
Start Condition
A
N
P
R
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com