Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS37209 Datasheet(PDF) 14 Page - OSRAM GmbH

Part # TCS37209
Description  ALS/Color and Proximity Sensor for Behind OLED Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37209 Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button TCS37209 Datasheet HTML 10Page - OSRAM GmbH TCS37209 Datasheet HTML 11Page - OSRAM GmbH TCS37209 Datasheet HTML 12Page - OSRAM GmbH TCS37209 Datasheet HTML 13Page - OSRAM GmbH TCS37209 Datasheet HTML 14Page - OSRAM GmbH TCS37209 Datasheet HTML 15Page - OSRAM GmbH TCS37209 Datasheet HTML 16Page - OSRAM GmbH TCS37209 Datasheet HTML 17Page - OSRAM GmbH TCS37209 Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 88 page
background image
Datasheet, Public
Page 13
[v5-00] 2023-Nov-27
Document Feedback
TCS3720 − Detailed Description
Figure 14:
Proximity Integration and Data Sampling in TCS3720
Color and Ambient Light Sensing
The color and ALS reception signal path begins as the
photodiodes receive filtered light and ends with 16-bit results.
In addition to the RGB absorption filters applied to RGB
channels, there is also a UV-IR blocking filter applied to all ALS
channels including Clear channel for accurately measuring
ambient light levels. Signals from all photodiodes are
simultaneously accumulated for a period of time set by the
value in ATIME (or ASP1, ASP2 if enabled) before the results are
available. Gain is adjustable in the range of 1x to 4096x to
facilitate operation over a wide range of lighting conditions,
including under dark glass or OLED displays with low optical
transmissivity. Based on the optical glass or OLED display used
over of the device, custom equations based on the ALS data are
empirically derived to calculate the amount of ambient light
and the correlated color temperature.
The ALS integration is designed to be able to synchronize to the
display VSYNC signal with a delay time defined by ASD (when
AVSYNC_EN=1). ASD must be programmed greater than the ALS
initialization time, otherwise ASD is ignored. ALS initialization
time requires 24 ALS clocks, resulting in 32.568μs (typical). If
ASP1, ASP2 are enabled, the device allows for quick sampling
over the integration time (ATIME) in intervals of ASP1, ASP2 and
stores the ALS data in the FIFO. With ASP1 and ASP2 disabled,
the ALS data will be collected once at the end of the full ALS
integration time. AWTIME allows the addition of a wait time and
defines the ALS repetition period. The subsequent ALS cycle
will occur on the first VSYNC after the end of the AWTIME period,
plus the delay defined by ASD.
Figure 15 shows an example of ALS integration and data
sampling for the TCS3720.
PTIME
PSD
PTIME
PTIME
PSD
PTIME
E
Prox_Init_Time
Temp_Meas
(if enabled)
PROX_DATA_AVG loop
PSD
PSD
PSD
PTIME
Prox_Init_Time
Start s hifts
PVSYNC_EN=0
Start s hifts
PVSYNC_EN=0
Start s hifts
PVSYNC_EN=0
Start s hifts
PVSYNC_EN=0
Start s hifts
PVSYNC_EN=0
PON=1
PEN=1
PWEN=1
PVSYNC=1
VSYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com