Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS37209 Datasheet(PDF) 18 Page - OSRAM GmbH

Part # TCS37209
Description  ALS/Color and Proximity Sensor for Behind OLED Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37209 Datasheet(HTML) 18 Page - OSRAM GmbH

Back Button TCS37209 Datasheet HTML 14Page - OSRAM GmbH TCS37209 Datasheet HTML 15Page - OSRAM GmbH TCS37209 Datasheet HTML 16Page - OSRAM GmbH TCS37209 Datasheet HTML 17Page - OSRAM GmbH TCS37209 Datasheet HTML 18Page - OSRAM GmbH TCS37209 Datasheet HTML 19Page - OSRAM GmbH TCS37209 Datasheet HTML 20Page - OSRAM GmbH TCS37209 Datasheet HTML 21Page - OSRAM GmbH TCS37209 Datasheet HTML 22Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 88 page
background image
Datasheet, Public
Page 17
[v5-00] 2023-Nov-27
Document Feedback
TCS3720 − Detailed Description
In the “concurrent” operating mode, ALS and proximity
measurements run at the same time, with the ALS measurement
“paused” while the proximity measurement is running. When
the device is operating non-synchronously, the ALS and
proximity measurements start after AEN=PEN=PON=1. When
the device is operating synchronously (i.e. the ALS and
proximity measurements are triggered by an external VSYNC
signal) the ALS and proximity start timing is determined by the
following:
• For ALS, AVSYNC_EN=1 enables synchronous mode and
ASD defines the delay from VSYNC until the ALS
measurement begins.
• For proximity, PVSYNC_EN=1 enables synchronous mode
and PSD defines the delay from VSYNC until the proximity
measurement begins.
AWTIME defines the ALS repetition period. In non-synchronous
mode, the subsequent ALS cycle will begin at the end of the
AWTIME period. In synchronous mode, the subsequent ALS
cycle will occur on the first VSYNC after the end of the AWTIME
period, plus the delay defined by ASD.
PWTIME defines the proximity repetition period. In
non-synchronous mode, the subsequent proximity cycle will
begin at the end of the PWTIME period. In synchronous mode,
the subsequent proximity cycle will occur on the first VSYNC
after the end of the PWTIME period, plus the delay defined by
PSD.
Figure 19 shows the ALS and proximity timing during
concurrent mode.
In concurrent mode, it is important to configure ALS hold (CFG2
(0xA7), bit 3) correctly in order to avoid a situation where ALS
is constantly interrupted and cannot complete in a timely
manner. It is recommended to pause ALS only during the time
the emitter is pulsing (CFG2, bit 3=1). This may result in a slight
increase in ALS data noise, but the trade-off is a shorter pause
time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com