Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS3772 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # TCS3772
Description  Color Light‐to‐Digital Converter with Proximity Sensing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3772 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button TCS3772 Datasheet HTML 5Page - OSRAM GmbH TCS3772 Datasheet HTML 6Page - OSRAM GmbH TCS3772 Datasheet HTML 7Page - OSRAM GmbH TCS3772 Datasheet HTML 8Page - OSRAM GmbH TCS3772 Datasheet HTML 9Page - OSRAM GmbH TCS3772 Datasheet HTML 10Page - OSRAM GmbH TCS3772 Datasheet HTML 11Page - OSRAM GmbH TCS3772 Datasheet HTML 12Page - OSRAM GmbH TCS3772 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
Page 8
ams Datasheet
Document Feedback
[v1-01] 2018-Mar-14
TCS3772 − Electrical Characteristics
Figure 10:
Proximity Characteristics, VDD = 3 V, TA = 25ºC, PEN = 1 (unless otherwise noted)
Note(s):
1. Parameter is ensured by design or characterization and is not tested.
2. Proximity noise is defined as one standard deviation of 600 samples.
3. Proximity noise typically increases as
√PPULSE
4. Greater operating distances are achievable with appropriate optical system design considerations. See available ams application
notes for additional information.
5. Maximum operating distance is dependent upon emitter and the reflective properties of the object's surface.
6. Proximity noise test was done using the Figure 11, “Proximity Noise Test Circuit,” on page 9.
Parameter
Conditions
Min
Typ
Max
Units
IDD
Supply current
LDR pulse on
3
mA
ADC conversion time step size
PTIME = 0xFF
2.27
2.4
2.56
ms
ADC number of integration
steps (1)
1256
steps
ADC counts per step (1)
PTIME = 0xFF
0
1023
counts
ADC count value
λp = 850 nm, Ee = 770.1 μW/cm2,
PTIME = 0xFB, PPULSE= 1 (3)
1350
1900
counts
ADC output responsivity
λp = 850 nm, PTIME = 0xFF,
PPULSE = 1 (3)
0.175
0.211
0.247
counts/
μW/
cm2
Noise (1) (2) (3)
Ee = 0, PTIME = 0xFF, PPULSE = 8
(6)
2
% FS
LED pulse count (1)
0
255
pulses
LED pulse period
14.0
μs
LED pulse width – LED on time
6.3
μs
LED drive current
ISINK sink current @
1.6 V, LDR pin
PDRIVE = 0
80
106
132
mA
PDRIVE = 1
50
PDRIVE = 2
25
PDRIVE = 3
12.5
Maximum operating
distance (1) (4) (5)
PDRIVE = 0 (100 mA), PPULSE = 64
Emitter:
λp = 850 nm, 20° half angle,
and 60 mW/sr
Object: 16 × 20-inch, 90% reflective
Kodak Gray Card (white surface)
Optics: Open view (no glass, no
optical attenuation)
30
inches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com