Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS3772 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # TCS3772
Description  Color Light‐to‐Digital Converter with Proximity Sensing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3772 Datasheet(HTML) 3 Page - OSRAM GmbH

  TCS3772 Datasheet HTML 1Page - OSRAM GmbH TCS3772 Datasheet HTML 2Page - OSRAM GmbH TCS3772 Datasheet HTML 3Page - OSRAM GmbH TCS3772 Datasheet HTML 4Page - OSRAM GmbH TCS3772 Datasheet HTML 5Page - OSRAM GmbH TCS3772 Datasheet HTML 6Page - OSRAM GmbH TCS3772 Datasheet HTML 7Page - OSRAM GmbH TCS3772 Datasheet HTML 8Page - OSRAM GmbH TCS3772 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
Page 2
ams Datasheet
Document Feedback
[v1-01] 2018-Mar-14
TCS3772 − General Description
• Color Light Sensing with IR-Blocking Filter
• Programmable Analog Gain and Integration Time
• 3 800 000:1 Dynamic Range
• Very High Sensitivity – Ideally Suited for Operation
Behind Dark Glass
• Proximity Detection
• Ambient Light Rejection
• Programmable Integration Time
• Current Sink Driver for External IR LED
• Maskable Light and Proximity Interrupt
• Programmable Upper and Lower Thresholds with
Persistence Filter
• Power Management
• Low Power – 2.5-
μA Sleep State
•65-
μA Wait State with Programmable Wait State Time
from 2.4 ms to > 7 Seconds
• I2C Fast Mode Compatible Interface
• Data Rates up to 400 kbit/s
• Input Voltage Levels Compatible with VDD or 1.8 V Bus
• Register Set and Pin Compatible with the TCS3x71 Series
• Small 2 mm × 2.4 mm Dual Flat No-Lead (FN) Package
Applications
The applications of TCS3772 include:
• RGB LED Backlight Control
• Ambient Light Color Temperature Sensing
• Cell Phone Touch Screen Disable
• Mechanical Switch Replacement
• Industrial Process Control
• Medical Diagnostics
End Products and Market Segments
• HDTVs, Mobile Handsets, Tablets, and Portable Media
Payers
• Medical and Commercial Instrumentation
• Toys
• Solid State and General Lighting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com