Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3232 Datasheet(PDF) 8 Page - Christian Bürkert GmbH & Co. KG

Part # 3232
Description  2/2-way diaphragm valve with manually operated actuator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3232 Datasheet(HTML) 8 Page - Christian Bürkert GmbH & Co. KG

Back Button 3232 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 3232 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3232 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3232 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3232 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3232 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 3232 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 3232 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 3232 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Type 3232, 3233
Manually operated diaphragm valve
8 | 23
Visit product website 
Diaphragm size Port connection DN
Ø D1
s
L
h
H
Product key1.)
40
25
33.7
2.0
161
27.6
52.4
SA44
40
32
42.4
2.0
161
27.6
52.4
SA45
40
40
48.3
2.0
161
27.6
52.4
SA46
50
50
60.3
2.0
192
35.5
68.3
SA47
80
65
76.1
2.0
250
51
98.1
SA48
80
80
88.9
2.3
250
51
98.1
SA49
DIN 11850 series 2/DIN 11866 series A/DIN EN 10357 series A
8
10
13
1.5
90
9.3
18.8
SD40
15
10
13
1.5
110
8.15
19.85
SD40
15
15
19
1.5
110
12.05
23.75
SD42
20
20
23
1.5
119
16.0
30.3
SD43
25
25
29
1.5
129
19.0
37.0
SD44
40
32
35
1.5
161
27.6
52.4
SD45
40
40
41
1.5
161
27.6
52.4
SD46
50
50
53
1.5
192
35.5
68.3
SD47
80
65
70
2.0
250
51.0
98.1
SD48
80
80
85
2.0
250
51.0
98.1
SD49
ASME BPE/DIN 11866 series C
8
¼"
6.35
0.89
78
5.7
15.2
SA90
8
⅜"
9.53
0.89
89
5.7
15.2
SA91
8
½"
12.7
1.65
89
9.3
18.8
SA92
15
½"
12.7
1.65
108
8.15
19.85
SA92
15
¾"
19.05
1.65
108
12.05
23.75
SA93
20
¾"
19.05
1.65
117
16.0
30.3
SA93
25
1"
25.4
1.65
127
19.0
37.0
SODF
40
1½"
38.1
1.65
159
27.6
52.4
SODH
50
2"
50.8
1.65
190
35.5
68.3
SODI
50
2½"
63.5
1.65
192
35.5
68.6
SODJ
80
2½"
63.5
1.65
250
51.0
98.1
SODJ
80
3"
76.2
1.65
250
51.0
98.1
SODK
BS 4825
8
8
6.35
1.20
78
5.7
15.2
SODB
8
10
9.53
1.20
89
5.7
15.2
SODC
15
15
12.7
1.20
108
8.15
19.85
SODD
20
20
19.05
1.20
117
16.0
30.3
SODE
25
25
25.4
1.65
127
19.0
37.0
SODF
40
40
38.1
1.65
159
27.6
52.4
SODH
50
50
50.8
1.65
190
35.5
68.3
SODI
50
65
63.5
1.65
192
35.5
68.6
SODJ
80
80
63.5
1.65
250
51.0
98.1
SODJ
80
80
76.2
1.65
250
51.0
98.1
SODK
SMS 3008
25
25
25
1.2
129
19
37
SA60
40
40
38
1.2
161
27.6
52.4
SA62
50
50
51
1.2
192
35.5
68.3
SA63
DIN 11850 series 0
8
6
8
1.0
90
5.7
15.2
SC41
8
8
10
1.0
90
5.7
15.2
SC42
1.) This information is part of the product key (see product enquiry form at the end of this data sheet)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com