Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3232 Datasheet(PDF) 14 Page - Christian Bürkert GmbH & Co. KG

Part # 3232
Description  2/2-way diaphragm valve with manually operated actuator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3232 Datasheet(HTML) 14 Page - Christian Bürkert GmbH & Co. KG

Back Button 3232 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 3232 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 3232 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 3232 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 3232 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 3232 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 3232 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 3232 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 3232 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Type 3232, 3233
Manually operated diaphragm valve
14 | 23
Visit product website 
4.8. Cast body (VG) with welded connection
Note:
• Dimensions in mm, unless otherwise stated
• For detailed information on the draining angle, please refer to the “Additional manual Type 2xxx 3xxx” on our website (see
operating instructions ).
L
Diaphragm size Port connection DN
Ø D1
s
L
h
H
Product key1.)
DIN EN ISO 1127/ISO 4200/DIN 11866 series B
8
8
13.5
1.6
90
9.6
18.5
SA40
8
10
17.2
1.6
90
9.6
18.6
SA41
15
15
21.3
1.6
110
13.5
25.0
SA42
20
15
21.3
1.6
119
18.0
32.9
SA42
20
20
26.9
1.6
119
18.0
32.7
SA43
25
25
33.7
2.0
129
20.0
39.0
SA44
40
32
42.4
2.0
161
28.6
55.0
SA45
40
40
48.3
2.0
161
28.6
55.0
SA46
50
50
60.3
2.0
192
35.5
68.0
SA47
65
65
76.1
2.0
192
43.0
82.0
SA48
80
80
76.1
2.0
250
51.0
101.0
SA48
80
80
88.9
2.3
250
51.0
101.0
SA49
100
100
114.3
2.3
295
63.5
123.5
SA39
DIN 11850 series 2/DIN 11866 series A/DIN EN 10357 series A
8
10
13
1.5
90
9.6
18.6
SD40
15
15
19
1.5
110
13.5
25.0
SD42
20
20
23
1.5
119
18.0
32.8
SD43
25
25
29
1.5
129
20.0
39.0
SD44
40
40
41
1.5
161
28.6
55.0
SD46
50
50
53
1.5
192
35.5
68.0
SD47
65
65
70
2.0
192
43.0
82.0
SD48
80
80
85
2.0
250
51.0
101.0
SD49
100
100
104
2.0
295
63.5
123.5
SD50
ASME BPE/DIN 11866 series C
8
¼"
6.35
0.89
64.5
9.6
18.6
SA90
8
⅜"
9.53
0.89
89
9.6
18.6
SA91
8
½"
12.7
1.65
89
9.6
18.6
SA92
15
¾"
19.05
1.65
102
13.5
25.0
SA93
20
¾"
19.05
1.65
119
18.0
32.8
SA93
20
1"
25.4
1.65
119
18.0
32.7
SODF
25
1"
25.4
1.65
114
20.0
39.0
SODF
40
1½"
38.1
1.65
140
28.6
55.0
SODH
50
2"
50.8
1.65
159
35.5
68.0
SODI
50
2½"
63.5
1.65
192
35.5
68.0
SODJ
65
2½"
63.5
1.65
192
43.0
82.0
SODJ
80
3"
76.2
1.65
250
51.0
101.0
SODK
100
4"
101.6
2.11
295
63.5
123.5
SODL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com