Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2012 Datasheet(PDF) 6 Page - Christian Bürkert GmbH & Co. KG

Part # 2012
Description  Accessories for pneumatic stroke and rotary actuatorsCLASSIC and ELEMENT process valves
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2012 Datasheet(HTML) 6 Page - Christian Bürkert GmbH & Co. KG

Back Button 2012 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Type 2XXX
6 | 14
Visit product website 
2.2. Type SY02ST - Electrical position feedback for valves Type 2060, Type 2063 and Type 2080 with actuator
size 32 mm
The electrical position feedback Type SY02ST is optimised for integrated mounting on process valves of the 2060, 2063 and 2080
series. Inductive limit switches register the position of the valve and give an electrical feedback signal to the control system.
Besides the electrical position feedback signal the position of the valve is visually shown via LEDs. The housing is easy to clean
and features proven electrical IP protection and chemically resistant materials for use in hygienic processing, in food, beverage and
pharmaceutical industries.
General technical data
Product properties
Material
Housing
PPS
Cover
PC
Adaption
VA
Seal
EPDM/FKM
Stroke range valve spindle
2…6 mm
Electrical data
Operating voltage
Micro switch
24 V DC +/-10%, max. 100 mA short-circuit proof
Position feedback
2x reed switch, closing contact (2-wire) with LEDs
Protection class
3 acc. to DIN EN 61140
Electrical connection
Multipole
M12, 4 pin
Approvals and certificates
Conformity
EMC directive 2014/30/EU
Environment and installation
Ambient temperature
- 20 ºC…+ 60 ºC
Installation
As required, preferably with actuator in upright position
Degree of protection
IP65 and IP67 according to EN 60529, Type 4X
Dimensions
Note:
Dimensions in mm
Ø 42
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com