Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2012 Datasheet(PDF) 10 Page - Christian Bürkert GmbH & Co. KG

Part # 2012
Description  Accessories for pneumatic stroke and rotary actuatorsCLASSIC and ELEMENT process valves
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2012 Datasheet(HTML) 10 Page - Christian Bürkert GmbH & Co. KG

Back Button 2012 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Type 2XXX
10 | 14
Visit product website 
Dimensions
Note:
Dimensions in mm
Actuator size 40…225 mm
Actuator size 50…175 mm
SW 6
B
Ø D
Actuator size Ø
B
H
40, 50, 63, 80
SW 17
40
100, 125
SW 19
55
175, 225
SW24
97
Actuator size Ø
Ø D
H
50, 63, 80
39
50
100, 125
53
73
175
86
172
Ordering chart
Max. stroke limitation without visual position indicator
Min./Max. stroke limitation with visual position indicator
(single version, only for valves with circuit function A,
normally closed)
Rc
Actuator size Ø [mm]
Article no.
40…80
637866 
100
637867 
125
637868 
175…225
655600 
Actuator size Ø [mm]
Article no.
50…80
636820 
100
636821 
125
640703 
175 (diaphragm valve)
655631 
175 (globe valve )
659038 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com