Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8690 Datasheet(PDF) 9 Page - Christian Bürkert GmbH & Co. KG

Part # 8690
Description  Pneumatic control unit for decentralised automation of process valves ELEMENT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8690 Datasheet(HTML) 9 Page - Christian Bürkert GmbH & Co. KG

Back Button 8690 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8690 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8690 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8690 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8690 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8690 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8690 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8690 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8690 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Type 8690
9 | 13
Visit product website 
Cable gland: M16 × 1.5 (cable Ø 10 mm), screw terminals (1.5 mm2)
1
2
3
4
5
6
Port configuration with Inductive proximity switch NAMUR
Pin
Assignment
Outer circuitry
1
INI Top +
NAMUR
sensor
Ex protection
area
Non-explosive
area
+8.2 V DC
0 V
R
1 / 3
2 / 4
See footnote 1.)
2
INI Top –
3
INI Bottom +
4
INI Bottom –
5
Valve control +
See footnote 2.)
6
Valve control GND
1.) According to NAMUR recommendation. Observe the Turck KEMA 02 ATEX 1090X-type examination certificate.
2.) Barrier signal see PTB 07 ATEX 2048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com