Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8690 Datasheet(PDF) 12 Page - Christian Bürkert GmbH & Co. KG

Part # 8690
Description  Pneumatic control unit for decentralised automation of process valves ELEMENT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8690 Datasheet(HTML) 12 Page - Christian Bürkert GmbH & Co. KG

Back Button 8690 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8690 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8690 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8690 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8690 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8690 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8690 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8690 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8690 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Type 8690
12 | 13
Visit product website 
7.3. Ordering chart
Pneumatic control unit for decentralised automation of ELEMENT On/Off process valves Type 21xx
Note:
All non-ATEX versions are UL-approved.
End position feedback
Electrical
connection
Circuit function
pilot valve
system
Pilot air
ports
Article no.
Inductive
switch 2.)
24 V DC
PNP
Inductive switch
NAMUR
8 V DC
Ex ia IIC T6
Micro
switch
24 V DC
Standard
ATEX II Cat.
3G/D, IECEx,
CCC 1.)
ATEX II Cat.
2G/D
2
–
–
M12 plug
connector
Single-acting
G ⅛
227222 
264968 
–
2
–
–
Double-acting
G ⅛
264939 
264957 
–
2
–
–
Without
G ⅛
227190 
264949 
–
2
–
–
Cable gland Single-acting
G ⅛
227220 
264967 
–
2
–
–
Double-acting
G ⅛
264941 
264956 
–
2
–
–
Without
G ⅛
227189 
264948 
–
1
–
–
M12 plug
connector
Single-acting
G ⅛
227218 
264964 
–
1
–
–
Double-acting
G ⅛
264940 
264953 
–
1
–
–
Without
G ⅛
265151 
264945 
–
1
–
–
Cable gland Single-acting
G ⅛
227216 
264963 
–
1
–
–
Double-acting
G ⅛
264942 
264952 
–
1
–
–
Without
G ⅛
265154 
264944 
–
–
2
–
Single-acting
G ⅛
–
–
265143 
–
2
–
Double-acting
G ⅛
–
–
265144 
–
2
–
Without
G ⅛
–
–
265142 
–
–
2
M12 plug
connector
Single-acting
G ⅛
227234 
–
–
–
–
1
Single-acting
G ⅛
227230 
–
–
–
–
2
Cable gland Single-acting
G ⅛
227232 
–
–
–
–
2
Without
G ⅛
227195 
–
–
Without end position feedback
Cable gland Single-acting
G ⅛
225883 
264961 
–
Double-acting
G ⅛
265156 
265935 
–
1.) CCC (China Compulsory Certificate) for device versions with Ex approval
2.) Inductive proximity switch 3-wire
Further versions on request
Additional
Push-in pilot air ports (tube Ø 6 mm and ¼")



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com