Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMD27253M Datasheet(PDF) 13 Page - OSRAM GmbH

Part # TMD27253M
Description  ALS, and Small Aperture Proximity Sensor Module
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD27253M Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button TMD27253M Datasheet HTML 9Page - OSRAM GmbH TMD27253M Datasheet HTML 10Page - OSRAM GmbH TMD27253M Datasheet HTML 11Page - OSRAM GmbH TMD27253M Datasheet HTML 12Page - OSRAM GmbH TMD27253M Datasheet HTML 13Page - OSRAM GmbH TMD27253M Datasheet HTML 14Page - OSRAM GmbH TMD27253M Datasheet HTML 15Page - OSRAM GmbH TMD27253M Datasheet HTML 16Page - OSRAM GmbH TMD27253M Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
Page 12
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-22
TMD2725 − Principles of Operation
System State Machine
An internal state machine provides system control of the ALS,
proximity detection, and power management features of the
device. At power up, an internal power-on-reset initializes the
device and puts it in a lowpower Sleep state. When a write on
I²C bus to the Enable register (0x80) PON bit is set, the device
transitions to the Idle state. If PON is disabled, the device will
return to the Sleep state to save power. Otherwise, the device
will remain in the Idle state until a Proximity or ALS function is
enabled. Once enabled, the device will execute the ALS,
Proximity and Wait states in sequence as indicated in Figure 16
and Figure 17. Upon completion, the device will automatically
begin a new ALS-Prox-Wait cycle as long as PON and either PEN
or AEN remain enabled. If the Prox or ALS function generates
an interrupt and the Sleep-After-Interrupt (SAI) feature is
enabled, the device will transition to the Sleep state and remain
in a low-power mode until an I²C command is received clearing
the interrupts in the STATUS register. See Interrupts for
additional information.
Principles of Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com