Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMD27253M Datasheet(PDF) 2 Page - OSRAM GmbH

Part # TMD27253M
Description  ALS, and Small Aperture Proximity Sensor Module
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD27253M Datasheet(HTML) 2 Page - OSRAM GmbH

  TMD27253M Datasheet HTML 1Page - OSRAM GmbH TMD27253M Datasheet HTML 2Page - OSRAM GmbH TMD27253M Datasheet HTML 3Page - OSRAM GmbH TMD27253M Datasheet HTML 4Page - OSRAM GmbH TMD27253M Datasheet HTML 5Page - OSRAM GmbH TMD27253M Datasheet HTML 6Page - OSRAM GmbH TMD27253M Datasheet HTML 7Page - OSRAM GmbH TMD27253M Datasheet HTML 8Page - OSRAM GmbH TMD27253M Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
Datasheet, Public
Page 1
[v2-00] 2023-Feb-22
Document Feedback
TMD2725
ALS, and Small Aperture Proximity
Sensor Module
The device features advanced proximity measurement and
digital ambient light sensing (ALS). The package has been
designed to accommodate a single small aperture approach.
The slim module incorporates an IR LED and factory calibrated
LED driver. The proximity detection feature provides object
detection (e.g. mobile device screen to user’s ear) by
photodiode detection of reflected IR energy (sourced by the
integrated LED). Detect/release events are interrupt driven, and
occur when proximity result crosses upper and/or lower
threshold settings. The proximity engine features offset
adjustment registers to compensate for unwanted IR energy
reflection at the sensor. Proximity results are further improved
by automatic ambient light subtraction. The ALS detection
feature provides photopic light intensity data. The ALS
photodiode has UV and IR blocking filters and a dedicated data
converter producing 16-bit data. This architecture allows
applications to accurately measure ambient light which
enables devices to calculate illuminance to control display
backlight.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of TMD2725, ALS, and Small Aperture
Proximity Sensor Module are listed below:
Figure 1:
Added Value of Using TMD2725
Benefits
Features
• Small aperture requirements
• 1.055mm emitter to detector distance
• Single device integrated optical solution
• ALS + proximity
• 2mm x 3.65mm x 1mm
• Integrated IR LED
• Power management features
• I²C fast mode interface compatible
• Accurate ambient light sensing
• Photopic Ambient Light Sensor (ALS)
• UV / IR blocking filters
• Programmable gain and integration time
• Reduced power consumption
• 1.8V power supply with 1.8V I²C bus
General Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com