Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMD27253 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # TMD27253
Description  ALS, and Small Aperture Proximity Sensor Module
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD27253 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button TMD27253 Datasheet HTML 3Page - OSRAM GmbH TMD27253 Datasheet HTML 4Page - OSRAM GmbH TMD27253 Datasheet HTML 5Page - OSRAM GmbH TMD27253 Datasheet HTML 6Page - OSRAM GmbH TMD27253 Datasheet HTML 7Page - OSRAM GmbH TMD27253 Datasheet HTML 8Page - OSRAM GmbH TMD27253 Datasheet HTML 9Page - OSRAM GmbH TMD27253 Datasheet HTML 10Page - OSRAM GmbH TMD27253 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
Page 6
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-22
TMD2725 − Typical Operating Characteristics
Figure 8:
Optical Characteristics, VDD = 1.8V, TA = 25°C (unless otherwise noted)
Figure 9:
ALS Optical Characteristics, VDD = 1.8V, TA = 25°C (unless otherwise noted)
Parameter
Conditions
Clear Channel
Unit
Min
Typ
Max
Re
Irradiance responsivity
Settings:
AGAIN = 16x
ATIME = 400ms
λD = 465 nm LED, 53.8 μW/cm
2
58
count/
(μW/cm2)
λD = 530 nm LED, 43.9 μW/cm
2
490
λD = 620 nm LED, 37.5 μW/cm
2
405
Warm White LED, 45.6 μW/cm2
363
Warm White LED, 45.6 μW/cm2
14025
16500
18975
counts
λD = 950 nm LED, 21.1 μW/cm
2
8
count/
(μW/cm2)
Parameter
Conditions
Min
Typ
Max
Unit
Integration time step size
2.72
2.82
2.94
ms
Dark ADC count value
Ee = 0 μW/ cm2
AGAIN: 64x
ATIME = 100ms (0x23)
0
1
3
counts
Gain Scaling, relative to 1x
gain setting
AGAIN = 1x
1
x
AGAIN = 4x
4
AGAIN = 16x
16
AGAIN = 64x
66
AGAIN = 128x
140
ADC noise
AGAIN = 16x
0.005
% full scale
Typical Operating
Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com