Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMD27253 Datasheet(PDF) 27 Page - OSRAM GmbH

Part # TMD27253
Description  ALS, and Small Aperture Proximity Sensor Module
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD27253 Datasheet(HTML) 27 Page - OSRAM GmbH

Back Button TMD27253 Datasheet HTML 23Page - OSRAM GmbH TMD27253 Datasheet HTML 24Page - OSRAM GmbH TMD27253 Datasheet HTML 25Page - OSRAM GmbH TMD27253 Datasheet HTML 26Page - OSRAM GmbH TMD27253 Datasheet HTML 27Page - OSRAM GmbH TMD27253 Datasheet HTML 28Page - OSRAM GmbH TMD27253 Datasheet HTML 29Page - OSRAM GmbH TMD27253 Datasheet HTML 30Page - OSRAM GmbH TMD27253 Datasheet HTML 31Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
Page 26
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-22
TMD2725 − Register Description
PCFG1 Register (Address 0x8F)
Figure 32:
PCFG1 Register
Addr: 0x8F
PCFG1
Bit
Bit Name
Default
Access
Bit Description
7:6
PGAIN
10
RW
This field sets the gain of the proximity IR sensor.
Gain
Value
Bit Field
1x
0
00b
2x
1
01b
4x
2
10b
8x
3
11b
5
Reserved
0
RW
Reserved
4:0
PLDRIVE
00000
RW
This field sets the drive strength of the IR LED current.
Values are approximate; actual current through LED is
factory trimmed to normalize IR intensity.
Value
LED Current
06mA
112mA
iLED = 6(PLDRIVE +1) mA
30
186mA
31
192mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com