Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMD27721 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # TMD27721
Description  Digital ALS and Proximity Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD27721 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button TMD27721 Datasheet HTML 5Page - OSRAM GmbH TMD27721 Datasheet HTML 6Page - OSRAM GmbH TMD27721 Datasheet HTML 7Page - OSRAM GmbH TMD27721 Datasheet HTML 8Page - OSRAM GmbH TMD27721 Datasheet HTML 9Page - OSRAM GmbH TMD27721 Datasheet HTML 10Page - OSRAM GmbH TMD27721 Datasheet HTML 11Page - OSRAM GmbH TMD27721 Datasheet HTML 12Page - OSRAM GmbH TMD27721 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
Page 8
ams Datasheet
Document Feedback
[v1-21] 2016-Feb-16
TMD2772/ TMD2772WA − Electrical Characteristics
Figure 9:
ALS Characteristics, VDD = 3V, TA = 25°C, AGAIN = 16x, AEN = 1 (unless otherwise noted)
Note(s):
1. Optical measurements are made using small-angle incident radiation from light-emitting diode optical sources. Red 625 nm and
infrared 850 nm LEDs are used for final product testing for compatibility with high-volume production.
2. The 625 nm irradiance Ee is supplied by an AlInGaP light-emitting diode with the following typical characteristics: peak wavelength
λp = 625 nm and spectral halfwidth Δλ½ = 20 nm.
3. The 850 nm irradiance Ee is supplied by a GaAs light-emitting diode with the following typical characteristics: peak wavelength
λp = 850 nm and spectral halfwidth Δλ½ = 42 nm.
4. Unless otherwise specified, measurements are taken with ATIME= 0xF6 (27 ms).
Parameter
Test Conditions (1), (2), (3), (4)
Channel
Min
Typ
Max
Unit
ADC count value
TMD2772 (25°)
λp = 625 nm, Ee = 46.8 μW/cm
2
CH0
4000
5000
6000
counts
CH1
950
λp = 850 nm, Ee = 61.7 μW/cm
2
CH0
4000
5000
6000
counts
CH1
2900
ADC count value
TMD2772WA (50°)
λp = 625 nm, Ee = 129.5 μW/cm
2
CH0
4000
5000
6000
counts
CH1
950
λp = 850 nm, Ee = 181.2 μW/cm
2
CH0
4000
5000
6000
counts
CH1
2900
ADC count value
ratio: CH1/CH0
λp = 625 nm
0.152
0.19
0.228
λp = 850 nm
0.43
0.58
0.73
Re Irradiance
responsivity
TMD2772 (25°)
λp = 625 nm
CH0
107.2
counts
/(μW/
cm2)
CH1
20.4
λp = 850 nm
CH0
81.5
CH1
47.3
Re Irradiance
responsivity
TMD2772WA (50°)
λp = 625 nm
CH0
38.6
counts
/(μW/
cm2)
CH1
7.3
λp = 850 nm
CH0
27.6
CH1
16.0
Gain scaling,
relative to 1× gain
setting
AGAIN = 1× and AGL = 1
0.16
x
AGAIN = 8× and AGL = 0
7.2
8.0
8.8
AGAIN = 16× and AGL = 0
14.4
16.0
17.6
AGAIN = 120× and AGL = 0
108
120
132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com