Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMD27721 Datasheet(PDF) 33 Page - OSRAM GmbH

Part # TMD27721
Description  Digital ALS and Proximity Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD27721 Datasheet(HTML) 33 Page - OSRAM GmbH

Back Button TMD27721 Datasheet HTML 29Page - OSRAM GmbH TMD27721 Datasheet HTML 30Page - OSRAM GmbH TMD27721 Datasheet HTML 31Page - OSRAM GmbH TMD27721 Datasheet HTML 32Page - OSRAM GmbH TMD27721 Datasheet HTML 33Page - OSRAM GmbH TMD27721 Datasheet HTML 34Page - OSRAM GmbH TMD27721 Datasheet HTML 35Page - OSRAM GmbH TMD27721 Datasheet HTML 36Page - OSRAM GmbH TMD27721 Datasheet HTML 37Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
Page 32
ams Datasheet
Document Feedback
[v1-21] 2016-Feb-16
TMD2772/ TMD2772WA − Register Description
ALS Time Register (0x01)
The ALS Time Register controls the internal integration time of
the ALS channel ADS’s in 2.73ms increments. Time is expressed
as a 2’s complement number.
To calculate the value:
1.
Determine the number of 2.73ms intervals required
2.
Take the 2’s complement
For a 1 x 2.73ms interval, 0xFF should be written. For 2 x 2.73ms
intervals, 0xFE should be written. The maximum integration
time is 699ms (0x00).
Figure 34:
ALS Time Register
76
5
4
3
2
1
0
ATIME
Field
Bits
Description (Reset value = 0xFF)
Value
Cycles
Time
Max Count
ATIME
7:0
0xFF
1
2.73 ms
1024
0xF6
10
27.3 ms
10240
0xDB
37
101 ms
37888
0xC0
64
175 ms
65535
0x00
256
699 ms
65535



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com