Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMD37024VC Datasheet(PDF) 14 Page - OSRAM GmbH

Part # TMD37024VC
Description  Narrow ALS, Color and Proximity Sensor Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD37024VC Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button TMD37024VC Datasheet HTML 10Page - OSRAM GmbH TMD37024VC Datasheet HTML 11Page - OSRAM GmbH TMD37024VC Datasheet HTML 12Page - OSRAM GmbH TMD37024VC Datasheet HTML 13Page - OSRAM GmbH TMD37024VC Datasheet HTML 14Page - OSRAM GmbH TMD37024VC Datasheet HTML 15Page - OSRAM GmbH TMD37024VC Datasheet HTML 16Page - OSRAM GmbH TMD37024VC Datasheet HTML 17Page - OSRAM GmbH TMD37024VC Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 57 page
background image
Datasheet, Public
Page 13
[v2-00] 2023-Mar-14
Document Feedback
TMD3702VC − Detailed Description
Proximity
Proximity results are affected by three fundamental factors: the
integrated IR VCSEL emission, IR reception, and environmental
factors, including target distance and surface reflectivity. The
IR reception signal path begins with IR detection from a
photodiode and ends with the 10-bit or 14-bit proximity result
in PDATA register. Signal from the photodiode is amplified, and
offset adjusted to optimize performance. Offset correction or
cross-talk compensation is accomplished by adjustment to the
POFFSET register. The analog circuitry of the device applies the
offset value as a subtraction to the signal accumulation;
therefore a positive offset value has the effect of decreasing the
results.
Color and Ambient Light Sense
The color and ALS reception signal path begins as photodiodes
receive filtered light and ends with 16-bit results. The IR
photodiode primarily used for proximity sense, is multiplexed
with the green channel’s ADC to measure the IR content of
ambient light. The color photodiodes are filtered with a UV and
IR filters. The IR photodiode is filtered to receive only IR. Signal
from the RGBC photodiodes simultaneously accumulate for a
period of time set by the value in ATIME before the results are
available. Measurement of IR must be done in a separate
integration because it shares the ADC with the green
photodiode. Gain is adjustable from 1x to 512x to facilitate
operation over a wide range of lighting conditions. Based on
the optical glass used on top of the device, custom equations
are empirically derived to calculate the amount of ambient
light, color temperature, as well as, determine the light type
(e.g. LED, fluorescent, incandescent, etc.) using the ALS results.
I²C Characteristics
The device uses I²C serial communication protocol for
communication. The device supports 7-bit chip addressing and
both standard and fast clock frequency modes with a chip
address of 0x49. Read and Write transactions comply with the
standard set by Philips (now NXP).
Internal to the device, an 8-bit buffer stores the register address
location of the desired byte to read or write. This buffer
auto-increments upon each byte transfer and is retained
between transaction events (i.e. valid even after the master
issues a STOP command and the I²C bus is released). During
consecutive Read transactions, the future/repeated I²C Read
transaction may omit the memory address byte normally
following the chip address byte; the buffer retains the last
register address + 1.
Detailed Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com