Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMD37024VC Datasheet(PDF) 27 Page - OSRAM GmbH

Part # TMD37024VC
Description  Narrow ALS, Color and Proximity Sensor Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD37024VC Datasheet(HTML) 27 Page - OSRAM GmbH

Back Button TMD37024VC Datasheet HTML 23Page - OSRAM GmbH TMD37024VC Datasheet HTML 24Page - OSRAM GmbH TMD37024VC Datasheet HTML 25Page - OSRAM GmbH TMD37024VC Datasheet HTML 26Page - OSRAM GmbH TMD37024VC Datasheet HTML 27Page - OSRAM GmbH TMD37024VC Datasheet HTML 28Page - OSRAM GmbH TMD37024VC Datasheet HTML 29Page - OSRAM GmbH TMD37024VC Datasheet HTML 30Page - OSRAM GmbH TMD37024VC Datasheet HTML 31Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 57 page
background image
Page 26
Datasheet, Public
Document Feedback
[v2-00] 2023-Mar-14
TMD3702VC − Register Description
The frequency of consecutive Clear (C) channel results outside
of threshold limits are counted; this count value is compared
against the APERS value. If the counter is equal to the APERS
setting an interrupt is asserted. Any time a Clear (C) channel
result is inside the threshold values the counter is cleared.
CFG0 Register (Address 0x8D)
Figure 34:
CFG0 Register
PCFG0 Register (Address 0x8E)
Figure 35:
PCFG0 Register
Addr: 0x8D
CFG0
Bit
Bit Name
Default
Access
Bit Description
7:3
Reserved
01000
RW
Reserved. Must be set to default value.
2WLONG
0
RW
When WLONG (Wait Long) is asserted the wait period
as set by WTIME is increased by a factor of 12.
1
Reserved
0
RW
Reserved. Must be set to default value.
0
PPULSE_
LEN_16x
0RW
When PPULSE_LEN_16X is asserted, the proximity
pulse length is extended by a factor of 16. See the
PPULSE_LEN bit description in the PCFG0 register.
Addr: 0x8E
PCFG0
Bit
Bit Name
Default
Access
Bit Description
7:6
PPULSE_LEN
1
(01)
RW
Proximity pulse length. The pulse length can be
extended by a factor of 16x with the assertion of the
PPULSE_LEN_16x bit in CFG0.
Value
Pulse Length
0 (00)
4μs / 64μs
1 (01)
8μs / 128μs
2 (10)
16μs / 256μs
3 (11)
32μs / 512μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com