Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMD37213 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # TMD37213
Description  ALS/Color and Proximity Sensor Module for Behind OLED Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD37213 Datasheet(HTML) 2 Page - OSRAM GmbH

  TMD37213 Datasheet HTML 1Page - OSRAM GmbH TMD37213 Datasheet HTML 2Page - OSRAM GmbH TMD37213 Datasheet HTML 3Page - OSRAM GmbH TMD37213 Datasheet HTML 4Page - OSRAM GmbH TMD37213 Datasheet HTML 5Page - OSRAM GmbH TMD37213 Datasheet HTML 6Page - OSRAM GmbH TMD37213 Datasheet HTML 7Page - OSRAM GmbH TMD37213 Datasheet HTML 8Page - OSRAM GmbH TMD37213 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 89 page
background image
Datasheet, Public
Page 1
[v3-00] 2023-May-26
Document Feedback
TMD3721
ALS/Color and Proximity Sensor
Module for Behind OLED Applications
The TMD3721 features ambient light, color (RGB) sensing and
proximity detection. The device integrates an IR VCSEL and an
advanced VCSEL driver within a compact
4.65mm x 1.86mm x 0.90mm OLGA package.
The ambient light and color sensing function provides four
concurrent ambient light sensing channels: Red, Green, Blue,
and Clear. The RGB and Clear channels are covered with an UV/IR
blocking filter. This architecture accurately measures ambient
light and enables the calculation of illuminance and color
temperature to manage display appearance.
The proximity function synchronizes IR emission and detection
to sense nearby objects. The architecture of the engine features
self-maximizing dynamic range, ambient light subtraction,
advanced crosstalk cancellation, and interrupt-driven I²C
communication. Sensitivity, power consumption, and noise can
be optimized with adjustable IR VCSEL timing and power. The
proximity engine recognizes detect/release events and
produces a configurable interrupt whenever the proximity
result crosses upper or lower threshold settings.
Ordering Information and Content Guide appear at end of
datasheet.
General Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com