Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMD37213 Datasheet(PDF) 53 Page - OSRAM GmbH

Part # TMD37213
Description  ALS/Color and Proximity Sensor Module for Behind OLED Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD37213 Datasheet(HTML) 53 Page - OSRAM GmbH

Back Button TMD37213 Datasheet HTML 49Page - OSRAM GmbH TMD37213 Datasheet HTML 50Page - OSRAM GmbH TMD37213 Datasheet HTML 51Page - OSRAM GmbH TMD37213 Datasheet HTML 52Page - OSRAM GmbH TMD37213 Datasheet HTML 53Page - OSRAM GmbH TMD37213 Datasheet HTML 54Page - OSRAM GmbH TMD37213 Datasheet HTML 55Page - OSRAM GmbH TMD37213 Datasheet HTML 56Page - OSRAM GmbH TMD37213 Datasheet HTML 57Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 89 page
background image
Page 52
Datasheet, Public
Document Feedback
[v3-00] 2023-May-26
TMD3721 − Register O ver view
CALIB Register (Address 0xD7)
Figure 73:
CALIB Register
Proximity response in systems with electrical and optical
crosstalk may be improved by using the calibration feature.
Optical crosstalk is caused when the photodiode receives a
portion of the VCSEL IR, which was unintentionally reflected by
a surface other than the target. Electrical offset is caused by
electrical disturbance in the sensor AFE, and influences the
proximity result as well. Before starting the calibration, it is
required to set PEN, AEN and PON to 0 to bring the state
machine idle, and set DISABLE_APC to 1 to disable the auto
pulse control. The calibration target, BINSRCH_TARGET, needs
to be configured to a desired value, the calibration routine
adjusts the value in POFFSET /POFFSET_SIGN until the
proximity result is as close to the BINSRCH_TARGET as possible.
The calibration needs to run with the same settings as regular
proximity measurement, such as PPULSE, PPULSE_LEN, PGAIN,
PGAIN2, PLDRIVE0. If PTIME_IN_CALIB is enabled, the same
PTIME used for regular proximity measurement is also enabled
during the calibration. If OFFCAL_ENAB_AVG is enabled, the
hardware averaging as selected with PROX_DATA_AVG is
enabled as well during the calibration. The calibration needs to
run 9 proximity measurement cycles. If every cycle of the 9
cycles needs to be synchronized to the VSYNC signal with PSD
delay, PROX_CAL_VSYNC_EN has to be enabled. After all the
settings properly configured, PON needs to be enabled again
Addr: 0xD7
CALIB
Bit
Bit Name
Default
Access
Bit Description
7
OFFCAL_ENAB_AVG
0
RW
Enables proximity hardware averaging as
selected with PROX_DATA_AVG during
calibration.
0 = No hardware averaging
1 = Hardware averaging enabled
6
Reserved
0
RW
Reserved. Must be set to default value.
5
ELECTRICAL_
CALIBRATION
0RW
Selects proximity calibration type.
0 = Electrical and optical crosstalk.
1 = Electrical crosstalk only.
4PTIME_IN_CALIB
0
RW
Enables PTIME during calibration. Useful when
averaging is enabled.
0 = PTIME ignored during calibration
1 = PTIME enabled during calibration
3:1
Reserved
000
RW
Reserved. Must be set to default value.
0
START_OFFSET_CAL
0
RW
Set to 1 to start a calibration sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com