Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMF8701-1XM Datasheet(PDF) 6 Page - OSRAM GmbH

Part # TMF8701-1XM
Description  Time-of-Flight Sensor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8701-1XM Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button TMF8701-1XM Datasheet HTML 2Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 3Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 4Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 5Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 6Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 7Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 8Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 9Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
Datasheet, Public
Page 5
[v2-00] 2023-Feb-21
Document Feedback
TMF8701 − Absolute Maximum Ratings
Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. These are stress
ratings only. Functional operation of the device at these or any
other conditions beyond those indicated under Electrical
Specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device
reliability.
Figure 5:
Absolute Maximum Ratings TMF8701 Module
Symbol
Parameter
Min
Max
Units
Comment
VDDC, VDDV, VDD
3V Supply voltage
-0.3
3.6
V
Connect pins VDDC, VDDV,
VDD on PCB with very short
connections
GNDV, GNDC, GND
Ground
0.0
0.0
V
Connect all GND pins on PCB
with very short connections
GPIO0, GPIO1
Digital I/O
terminal voltage
-0.3
VDD+0.3V
V
Protection diode to VDD
INT, SCL, SDA, EN
Digital I/O
terminal voltage
-0.3
3.6
V
No protection diodes to any
positive supply only to ground
I_SCR
Latch-up
immunity
±100
mA
JEDEC
JESD78D
Nov 2011
Electrostatic Discharge
ESD_HBM
Electrostatic
discharge HBM
±2000
V
JS-001-2014
ESD_CDM
Electrostatic
discharge CDM
±500
V
JEDEC
JESD22-C101F
Oct 2013
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com