Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMF8701-1XM Datasheet(PDF) 5 Page - OSRAM GmbH

Part # TMF8701-1XM
Description  Time-of-Flight Sensor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8701-1XM Datasheet(HTML) 5 Page - OSRAM GmbH

  TMF8701-1XM Datasheet HTML 1Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 2Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 3Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 4Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 5Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 6Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 7Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 8Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
Page 4
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-21
TMF8701 − Pin Assignments
Note(s):
1. SDA, SCL, INT and EN have no diode to any VDD supply. Therefore even with VDD=0V they do not block the interrupt line or I²C bus.
2. GPIO0 and GPIO1 are push/pull output and have a diode to VDD; therefore if VDD is not powered, GPIO0 and GPIO1 should not be
driven from outside.
6SDA
I/O
I²C serial data
7
VDD
Supply
Chip supply voltage (3V); add a capacitor
GRM155R70J104KA01 (0402 X7R 0.1μF
6.3V) to GND
8
GND
Ground
Chip ground; connect all ground pins
together
9EN
Input
Enable input active high; setting to low
forces the device into shutdown and all
memory content is lost; connect to VDD if
not used
10
GPIO1
I/O
General purpose input/output; default
output low; leave open if not used
11
GNDV
Ground
VCSEL ground; connect all ground pins
together
12
VDDV
Supply
VCSEL supply voltage (3V); add a capacitor
GRM155R70J104KA01 (0402 X7R 0.1μF
6.3V) to GND
Pin No.
Pin Name
Signal Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com