Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMG39923 Datasheet(PDF) 95 Page - OSRAM GmbH

Part # TMG39923
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG39923 Datasheet(HTML) 95 Page - OSRAM GmbH

Back Button TMG39923 Datasheet HTML 88Page - OSRAM GmbH TMG39923 Datasheet HTML 89Page - OSRAM GmbH TMG39923 Datasheet HTML 90Page - OSRAM GmbH TMG39923 Datasheet HTML 91Page - OSRAM GmbH TMG39923 Datasheet HTML 92Page - OSRAM GmbH TMG39923 Datasheet HTML 93Page - OSRAM GmbH TMG39923 Datasheet HTML 94Page - OSRAM GmbH TMG39923 Datasheet HTML 95Page - OSRAM GmbH TMG39923 Datasheet HTML 96Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 95 / 96 page
background image
Page 94
ams Datasheet
Document Feedback
[v1-06] 2018-Feb-27
TMG3992 − Content Guide
1
General Description
2
Key Benefits & Features
3
Applications
3
Block Diagram
4
Pin Assignment
5Absolute Maximum Ratings
6
Electrical Characteristics
13
Timing Characteristics
13
Timing Diagrams
14
Typical Operating Characteristics
19
I²C Protocol
19
I²C Write Transaction
19
I²C Read Transaction
20
Detailed Description
22
Sleep After Interrupt Operation
22
Proximity Operation
26
Color and Ambient Light Sense Operation
29
Gesture Operation
34
Equations
34
Example
34
Conditions
36
Pattern Burst Operation: IRBeam Mode
43
Register Description
46
RAM Registers (0x00 - 0x7F)
46
Pattern RAM
47
Enable Register (ENABLE 0x80)
48
ADC Integration Time Register (ATIME 0x81)
49
Wait Time Register (WTIME 0x83)
50
ALS Interrupt Threshold Registers (0x84 − 0x87)
50
Proximity Interrupt Threshold Registers (0x89, 0x8B)
51
Interrupt Persistence Register (PERS 0x8C)
53
Configuration Register One (CONFIG1 0x8D)
54
Proximity Pulse Count and Length Register
(PPULSE 0x8E)
55
Control Register (CONTROL 0x8F)
56
Configuration Register Two (CONFIG2 0x90)
57
Revision ID Register (REVID 0x91)
57
ID Register (ID 0x92)
58
Status Register (STATUS 0x93)
59
RGBC Data Registers (0x94 − 0x9B)
59
Proximity Data Registers (PDATA 0x9C)
60
Proximity North/East Offset
(POFFSET_NE 0x9D)
61
Proximity South/West Offset
(POFFSET_SW 0x9E)
62
Configuration Three Register (CONFIG3 0x9F)
63
Configuration Register A0 (CONFIG_A0), IRBeam Mode
64
Configuration Register A1 (CONFIG_A1), IRBeam Mode
Content Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com