Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMG39923 Datasheet(PDF) 41 Page - OSRAM GmbH

Part # TMG39923
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG39923 Datasheet(HTML) 41 Page - OSRAM GmbH

Back Button TMG39923 Datasheet HTML 37Page - OSRAM GmbH TMG39923 Datasheet HTML 38Page - OSRAM GmbH TMG39923 Datasheet HTML 39Page - OSRAM GmbH TMG39923 Datasheet HTML 40Page - OSRAM GmbH TMG39923 Datasheet HTML 41Page - OSRAM GmbH TMG39923 Datasheet HTML 42Page - OSRAM GmbH TMG39923 Datasheet HTML 43Page - OSRAM GmbH TMG39923 Datasheet HTML 44Page - OSRAM GmbH TMG39923 Datasheet HTML 45Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 96 page
background image
Page 40
ams Datasheet
Document Feedback
[v1-06] 2018-Feb-27
TMG3992 − Detailed Description
Upon enabling the Pattern Burst engine, PON=PBEN=1, the
IDLE state is entered. In this state, control of the LDR pin is re-
moved from the Proximity/Gesture modules and is exclusively
driven by the pattern stored in RAM. IR pattern emission begins
when any value is written to CONFIG_A7, Symbol Length/Start
Transmission register, ISLEN, or whenever PBEN bit transitions
from 0 to 1. Prior to writing ISLEN or enabling PBEN bit control
registers and pattern RAM must be valid (previously
programmed).
Pattern data stored in the128-byte RAM defines the activation
state of the LDR pin (LED ON/OFF) during an IRBeam Symbol
burst event. After ISLEN is written each bit of RAM sets the state
of the LDR pin with a pulse width set by bit-time control bits,
IBT, located in CONFIG_A6. Bits are burst out of the LDR pin MSB
first starting at address 0x00. Each integer value placed in ISLEN
register corresponds to 4-bit (nibble) blocks of pattern. For ex-
ample, if ISLEN = 0, the first four bits of address 0x00 (bits: 7, 6,
5, and 4) modulate the LDR current.
Immediately after writing the ISLEN, the PBUSY bit is set and a
Burst Symbol event commences. During this event the LDR pin
modulates LED current, bursting the bit-wise (Barcode symbol)
pattern stored in RAM starting at location 0x00. Refer to
Figure 41, Figure 42, and Figure 43 for a graphical representa-
tion of how the a complete pattern burst is built using the RAM
and control register settings. The control register for bit-time,
IBT, provides a wide range of timing options to satisfy require-
ments set by commonly used barcode standards. Equations for
Bit Time, IBT, and other timing parameters are located in the
Register Description section.
By setting a non-zero value in the Symbol Number of Loops
Register, ISNL, more than one Transmit Symbol event can be
executed for each write to ISLEN. Between Symbols the LDR pin
is turned OFF for a period of time defined by the Symbol LDR
OFF Delay register, ISOFF. This sequence of symbol transmission
followed by an LDR OFF Delay, ISOFF, represents a Symbol Loop
event, as depicted in Figure 42. A maximum of 256 symbol loops
can be executed. After the final loop has completed the Packet
Loop event commences.
A Packet Loop event, as depicted in Figure 43, is much like a
Symbol Loop event except that inside a packet loop a number
of entire Symbol Loop events are repeated. By setting a non-ze-
ro value in the Packet Number of Loops Register, IPNL, more
than one packet loop event can be executed for each write to
ISLEN. Between packets the LDR pin is turned OFF for a period
of time as defined by the Packet LDR OFF Delay register, IPOFF.
A minimum setting of 0 in IPNL prevents any additional packet
loops from running; however, a packet LDR OFF delay always
runs at least one time. A maximum of 256 Packet loops can be
executed. After the final loop has completed, interrupts are as-
serted, PBUSY is cleared, and control is passed back to the IDLE
state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96