Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL2569 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # TSL2569
Description  Light-to-Digital Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2569 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button TSL2569 Datasheet HTML 7Page - OSRAM GmbH TSL2569 Datasheet HTML 8Page - OSRAM GmbH TSL2569 Datasheet HTML 9Page - OSRAM GmbH TSL2569 Datasheet HTML 10Page - OSRAM GmbH TSL2569 Datasheet HTML 11Page - OSRAM GmbH TSL2569 Datasheet HTML 12Page - OSRAM GmbH TSL2569 Datasheet HTML 13Page - OSRAM GmbH TSL2569 Datasheet HTML 14Page - OSRAM GmbH TSL2569 Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
Page 10
ams Datasheet
Document Feedback
[v1-00] 2016-Apr-12
T S L2 568 , T S L256 9 − Electrical Characteristics
Note(s):
1. Optical measurements are made using small-angle incident radiation from light-emitting diode optical sources. Visible 640nm LEDs and infrared 940nm LEDs are used for final product testing for
compatibility with high-volume production.
2. The 640nm irradiance Ee is supplied by an AlInGaP light-emitting diode with the following characteristics: peak wavelength λp = 640nm and spectral halfwidth Δλ½ = 17nm.
3. The 940nm irradiance Ee is supplied by a GaAs light-emitting diode with the following characteristics: peak wavelength λp = 940nm and spectral halfwidth Δλ½ = 40nm.
4. Integration time Tint, is dependent on internal oscillator frequency (fosc) and on the integration field value in the Timing Register as described in the Register Set section. For nominal fosc = 735kHz,
nominal Tint = (number of clock cycles)/fosc.
Field value 00: Tint = (11 × 918)/fosc = 13.7ms
Field value 01: Tint = (81 × 918)/fosc = 101ms
Field value 10: Tint = (322 × 918)/fosc = 402ms
Scaling between integration times vary proportionally as follows: 11/322 = 0.034 (field value 00), 81/322 = 0.252 (field value 01), and 322/322 = 1 (field value 10).
ADC count value ratio:
Ch1/Ch0
Fluorescent light source:
Tint = 402ms
0.19
0.19
Incandescent light source:
Tint = 402ms
0.55
0.57
RV
Illuminance responsivity,
low gain mode (6)
Fluorescent light source:
Tint = 402ms
Ch0
11.6
11.1
counts/lux
Ch1
2.2
2.1
Incandescent light source:
Tint = 402ms
Ch0
37.5
33.8
Ch1
20.7
19.3
(Sensor Lux)/(actual Lux),
high gain mode (7)
Fluorescent light source:
Tint = 402ms
0.65
1
1.35
0.65
1
1.35
Incandescent light source:
Tint = 402ms
0.60
1
1.40
0.60
1
1.40
Symbol
Parameter
Test Conditions
Channel
TSL2568T,
TSL2569T
TSL2568CS,
TSL2569CS
Unit
Min
Typ
Max
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com