Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL2569 Datasheet(PDF) 13 Page - OSRAM GmbH

Part # TSL2569
Description  Light-to-Digital Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2569 Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button TSL2569 Datasheet HTML 9Page - OSRAM GmbH TSL2569 Datasheet HTML 10Page - OSRAM GmbH TSL2569 Datasheet HTML 11Page - OSRAM GmbH TSL2569 Datasheet HTML 12Page - OSRAM GmbH TSL2569 Datasheet HTML 13Page - OSRAM GmbH TSL2569 Datasheet HTML 14Page - OSRAM GmbH TSL2569 Datasheet HTML 15Page - OSRAM GmbH TSL2569 Datasheet HTML 16Page - OSRAM GmbH TSL2569 Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
Page 12
ams Datasheet
Document Feedback
[v1-00] 2016-Apr-12
TSL2568, TSL2569 − Electrical Characteristics
Figure 10:
AC Electrical Characteristics, VDD = 3V, TA = 25°C (unless otherwise noted)
Note(s):
1. Specified by design and characterization; not production tested.
Symbol
Parameter (1)
Test Conditions
Min
Typ
Max
Unit
t(CONV)
Conversion time
12
100
400
ms
f(SCL)
Clock frequency (I²C only)
0
400
kHz
Clock frequency (SMBus only)
10
100
kHz
t(BUF)
Bus free time between start and stop
condition
1.3
μs
t(HDSTA)
Hold time after (repeated) start
condition. After this period, the first
clock is generated.
0.6
μs
t(SUSTA)
Repeated start condition setup time
0.6
μs
t(SUSTO)
Stop condition setup time
0.6
μs
t(HDDAT)
Data hold time
0
0.9
μs
t(SUDAT)
Data setup time
100
ns
t(LOW)
SCL clock low period
1.3
μs
t(HIGH)
SCL clock high period
0.6
μs
t(TIMEOUT)
Detect clock/data low timeout
(SMBus only)
25
35
ms
tF
Clock/data fall time
300
ns
tR
Clock/data rise time
300
ns
Ci
Input pin capacitance
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com