Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL2585 Datasheet(PDF) 72 Page - OSRAM GmbH

Part # TSL2585
Description  Miniature Ambient Light Sensor with UV and Light Flicker Detection
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2585 Datasheet(HTML) 72 Page - OSRAM GmbH

Back Button TSL2585 Datasheet HTML 68Page - OSRAM GmbH TSL2585 Datasheet HTML 69Page - OSRAM GmbH TSL2585 Datasheet HTML 70Page - OSRAM GmbH TSL2585 Datasheet HTML 71Page - OSRAM GmbH TSL2585 Datasheet HTML 72Page - OSRAM GmbH TSL2585 Datasheet HTML 73Page - OSRAM GmbH TSL2585 Datasheet HTML 74Page - OSRAM GmbH TSL2585 Datasheet HTML 75Page - OSRAM GmbH TSL2585 Datasheet HTML 76Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 86 page
background image
Datasheet, Public
Page 71
[v4-00] 2022-Dec-22
Document Feedback
TSL2585 − Application Information
It is highly recommended to consult the ams OSRAM
application team for circuit diagram and layout review at
design-in.
Figure 93:
TSL2585 Typical Application Circuit
Note(s):
1. C1 in the graphic above shall be 4.7μF, 6.3V, 10% and C2 in the graphic above shall be 1μF, 6.3V, 20%. All ground vias shall be
connected to a solid ground plane.
Figure 94:
TSL2585 Recommended Part Placement
Application Information
VDD
INT
SCL
SDA
TSL25107S
VDD
VSS
INT
SCL
SDA
VSYNC/GPIO
RSCL
RSDA
VIO
RINT
VSYNC/GPIO
RVsync/GPIO
C2
22
V1.8
C1
R1
TSL2585
To SDA (pull-up R not shown)
To INT (pull-up R not shown)
To SCL (pull-up R not shown)
To IO/SYNC
(pull-up R not shown)
1.8 V
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com