Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL2585 Datasheet(PDF) 37 Page - OSRAM GmbH

Part # TSL2585
Description  Miniature Ambient Light Sensor with UV and Light Flicker Detection
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2585 Datasheet(HTML) 37 Page - OSRAM GmbH

Back Button TSL2585 Datasheet HTML 33Page - OSRAM GmbH TSL2585 Datasheet HTML 34Page - OSRAM GmbH TSL2585 Datasheet HTML 35Page - OSRAM GmbH TSL2585 Datasheet HTML 36Page - OSRAM GmbH TSL2585 Datasheet HTML 37Page - OSRAM GmbH TSL2585 Datasheet HTML 38Page - OSRAM GmbH TSL2585 Datasheet HTML 39Page - OSRAM GmbH TSL2585 Datasheet HTML 40Page - OSRAM GmbH TSL2585 Datasheet HTML 41Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 86 page
background image
Page 36
Datasheet, Public
Document Feedback
[v4-00] 2022-Dec-22
TSL2585 − Register O ver view
Note(s):
1. Return to the Register Map (0xA2).
CFG2 Register
Figure 44:
CFG2
Note(s):
1. Return to the Register Map (0xA3).
2
DO_ALS_FINAL_
PROCESSING
0R/W
If this bit is set to “1” and flicker measurement takes
longer than ALS measurement, ALS measurement
writings are postponed until flicker measurement is
finished. Otherwise ALS data is not written to FIFO.
1:0
Reserved
0
Addr: 0xA3
CFG2
Bit
Field
Reset
Type
Bit Description
7AINT_DIRECT
0
R/W
ALS Interrupt Direct. Enables the direct mode of
ALS interrupt. ALS interrupts are only generated
when ALS_DATA (selected by ALS_THRESHOLD_
CHANNEL) moves over the hysteresis edges (AINT_
AILT and AINT_AIHT). If bit is “0”, interrupts are
always generated if ALS_DATA is above AIHT or
below AILT. The status of the ALS interrupt is directly
output on the INT or GPIO pin if this mode is enabled
and either of those pins are configured to do so
according to the INT_PINMAP and VSYNC_GPIO_
PINMAP settings.
6:1
Reserved
0
0FIFO_THR[0]
1
R/W
FIFO threshold LSB.
Please see FIFO_THR for information.
Addr: 0xA2
CFG1
Bit
Field
Reset
Type
Bit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com