Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL27713 Datasheet(PDF) 20 Page - OSRAM GmbH

Part # TSL27713
Description  Light-to-Digital Converter with Proximity Sensing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL27713 Datasheet(HTML) 20 Page - OSRAM GmbH

Back Button TSL27713 Datasheet HTML 16Page - OSRAM GmbH TSL27713 Datasheet HTML 17Page - OSRAM GmbH TSL27713 Datasheet HTML 18Page - OSRAM GmbH TSL27713 Datasheet HTML 19Page - OSRAM GmbH TSL27713 Datasheet HTML 20Page - OSRAM GmbH TSL27713 Datasheet HTML 21Page - OSRAM GmbH TSL27713 Datasheet HTML 22Page - OSRAM GmbH TSL27713 Datasheet HTML 23Page - OSRAM GmbH TSL27713 Datasheet HTML 24Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
ams Datasheet
Page 19
[v1-00] 2016-Mar-22
Document Feedback
TSL2771 − Principles Of Operation
Figure 22:
Proximity ADC Count vs. Relative Distance
Interrupts
The interrupt feature simplifies and improves system efficiency
by eliminating the need to poll the sensor for light intensity or
proximity values outside of a user-defined range. While the
interrupt function is always enabled and it’s status is available
in the status register (0x13), the output of the interrupt state
can be enabled using the proximity interrupt enable (PIEN) or
ALS interrupt enable (AIEN) fields in the enable register (0x00).
Four 16-bit interrupt threshold registers allow the user to set
limits below and above a desired light level and proximity
range. An interrupt can be generated when the ALS CH0 data
(C0DATA) falls outside of the desired light level range, as
determined by the values in the ALS interrupt low threshold
registers (AILTx) and ALS interrupt high threshold registers
(AIHTx). Likewise, an out-of-range proximity interrupt can be
generated when the proximity data (PDATA) falls below the
proximity interrupt low threshold (PILTx) or exceeds the
proximity interrupt high threshold (PIHTx). It is important to
note that the low threshold value must be less than the high
threshold value for proper operation.
To further control when an interrupt occurs, the device provides
a persistence filter. The persistence filter allows the user to
specify the number of consecutive out-of-range ALS or
proximity occurrences before an interrupt is generated. The
persistence register (0x0C) allows the user to set the ALS
persistence (APERS) and the proximity persistence (PPERS)
values. See the persistence register for details on the
persistence filter values. Once the persistence filter generates
Relative Distance
1
y 2y 4y
8
y
16
y
0
200
400
600
800
1000
100 mA,
64 Pulses
100 mA,
16 Pulses
100 mA,
4 Pulses
100 mA,
1 Pulse
25 mA,
1 Pulse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com