Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL27713 Datasheet(PDF) 23 Page - OSRAM GmbH

Part # TSL27713
Description  Light-to-Digital Converter with Proximity Sensing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL27713 Datasheet(HTML) 23 Page - OSRAM GmbH

Back Button TSL27713 Datasheet HTML 19Page - OSRAM GmbH TSL27713 Datasheet HTML 20Page - OSRAM GmbH TSL27713 Datasheet HTML 21Page - OSRAM GmbH TSL27713 Datasheet HTML 22Page - OSRAM GmbH TSL27713 Datasheet HTML 23Page - OSRAM GmbH TSL27713 Datasheet HTML 24Page - OSRAM GmbH TSL27713 Datasheet HTML 25Page - OSRAM GmbH TSL27713 Datasheet HTML 26Page - OSRAM GmbH TSL27713 Datasheet HTML 27Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
Page 22
ams Datasheet
Document Feedback
[v1-00] 2016-Mar-22
TSL2771 − Principles O f Operation
Power Management
Power consumption can be controlled through the use of the
wait state timing because the wait state consumes only 65
μA
of power. Figure 25 shows an example of using the power
management feature to achieve an average power
consumption of 155
μA current with four 100-mA pulses of
proximity detection and 50 ms of ALS detection.
Figure 25:
Power Consumption Calculations
4 IR LED Pulses
64
ms (32 ms LED On Time)
2.72 ms
47 ms
50 ms
Prox ADC
Prox Accum
WAIT
ALS
Avg = ((0.032
y 100) + (2.72 y 0.175) + (47 y 0.065) + (50 y 0.175)) / 100 = 155 mA
State
Duration (ms)
Current (mA)
Prox Accum (LED On)
0.064 (0.032)
100.0
Prox ADC
2.7
0.175
Wait
47
0.065
ALS
50
0.175
Example: 100 ms Cycle TIme



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com