Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRBC-10F2AX Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # VRBC-10F2AX
Description  NON-ISOLATED DC/DC CONVERTERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRBC-10F2AX Datasheet(HTML) 2 Page - Bel Fuse Inc.

  VRBC-10F2AX_07 Datasheet HTML 1Page - Bel Fuse Inc. VRBC-10F2AX_07 Datasheet HTML 2Page - Bel Fuse Inc. VRBC-10F2AX_07 Datasheet HTML 3Page - Bel Fuse Inc. VRBC-10F2AX_07 Datasheet HTML 4Page - Bel Fuse Inc. VRBC-10F2AX_07 Datasheet HTML 5Page - Bel Fuse Inc. VRBC-10F2AX_07 Datasheet HTML 6Page - Bel Fuse Inc. VRBC-10F2AX_07 Datasheet HTML 7Page - Bel Fuse Inc. VRBC-10F2AX_07 Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
2.4 Vdc - 5.5 Vdc Input
0.75 Vdc - 3.63 Vdc/10 A Output
Input Specifications
Parameter
Min
Typ
Max
Notes
Input Voltage
2.4 V
-
5.5 V
Vo, set
≤ Vin-0.5 V
Input Current (full load)
Vo=3.3 V
Vo=1.8 V
Vo=0.75 V
-
-
-
7.0 A
4.04 A
1.89 A
8.06 A
6.98 A
4.06 A
Input Current (no load)
-
80 mA
-
Remote Off Input Current
-
15 mA
22 mA
Input Reflected Ripple Current (pk-pk)
-
120 mA
-
Input Reflected Ripple Current (rms)
-
35 mA
-
Tested with two 100 uF/10 V tantalum
input capacitors (P/N:
TPSC107K010R0075 AVX) & simulated
source impedance of 1 uH, 5 Hz to
20MHz.
I
2t Inrush Current Transient
-
-
0.2 A
2s
Turn-on Voltage Threshold
-
2.2 V
-
Turn-off Voltage Threshold
-
2.0 V
-
Note
: All specifications are typical at 25 °C unless otherwise stated.
Output Specifications
Parameter
Min
Typ
Max
Notes
Output Voltage Set Point
-2%Vo,set
-
2%Vo,set
Vin=5 V, lo=lomax full load
Output Voltage Set Point
-3%Vo,set
-
3%Vo,set
Over all operating input
voltages, resistive loads and
temperature conditions
Load Regulation
-
0.4%Vo,set
-
Io=Iomin to Iomax
Line Regulation
-
0.3%Vo,set
-
Vin=Vinmin to Vinmax
Regulation Over Temperature
(-40
°C to +85 °C)
-
0.5%Vo,set
-
Tref=Tamin to Tamax
Output Current
0 A
-
10 A
Current Limit Threshold
15 A
-
30 A
Short Circuit Surge Transient
-
-
2 A
2s
Ripple and Noise (pk-pk)
-
25 mV
50 mV
Ripple and Noise (rms)
-
8 mV
15 mV
Tested with 0-20MHz,
10uF/16V tantalum capacitor &
1uF/10V TDK ceramic
capacitor at the output
Turn on Time
-
4 mS
8 mS
Overshoot at Turn on
-
0%Vo,set
3%Vo,set
Output Capacitance
ESR
≥ 1mohm
ESR
≥ 10mohm
0 uF
0 uF
-
-
1000 uF
4700 uF
Transient Response
50% ~ 100% Max Load
-
200 mV
-
Settling Time
-
25 uS
-
100% ~ 50% Max Load
-
200 mV
-
Settling Time
All
-
25 uS
-
di/dt=2.5 A/uS; Vin=5 V; and
with 10 uF/16 V tantalum
capacitor & 1uF/10V ceramic
capacitor at the output
50% ~ 100% Max Load
-
120 mV
-
Settling Time
-
50 uS
-
100% ~ 50% Max Load
-
120 mV
-
Settling Time
All
-
50 uS
-
di/dt=2.5 A/uS; Vin=5 V; and
with two 150 uF/10 V tantalum
capacitors & 1 uF/10 V ceramic
capacitor at the output
Note
: All specifications are typical at nominal input (Vin=5 V), full load at 25 °C unless otherwise stated.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com