Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRBC-10F2AX Datasheet(PDF) 6 Page - Bel Fuse Inc.

Part # VRBC-10F2AX
Description  NON-ISOLATED DC/DC CONVERTERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRBC-10F2AX Datasheet(HTML) 6 Page - Bel Fuse Inc.

  VRBC-10F2AX_07 Datasheet HTML 1Page - Bel Fuse Inc. VRBC-10F2AX_07 Datasheet HTML 2Page - Bel Fuse Inc. VRBC-10F2AX_07 Datasheet HTML 3Page - Bel Fuse Inc. VRBC-10F2AX_07 Datasheet HTML 4Page - Bel Fuse Inc. VRBC-10F2AX_07 Datasheet HTML 5Page - Bel Fuse Inc. VRBC-10F2AX_07 Datasheet HTML 6Page - Bel Fuse Inc. VRBC-10F2AX_07 Datasheet HTML 7Page - Bel Fuse Inc. VRBC-10F2AX_07 Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
2.4 Vdc - 5.5 Vdc Input
0.75 Vdc - 3.63 Vdc/10 A Output
Ripple and Noise Waveforms
Vin=5 V, Vo=0.75 V
Vin=5 V, Vo=1.8 V
Vin=5 V, Vo=3.3 V
Note:
Ripple and noise tested at 0-20 MHz BW, 10 uF/16 V tantalum capacitor and 1 uF/10 V ceramic
capacitor, full load, and Ta=25 deg C.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com