Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8652 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 8652
Description  Pneumatically operated 2/2 way valve with PTFE bellows
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8652 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  8652 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Type 2080
3 | 8
Visit product website 
1.
General technical data
Product properties
Dimensions
Detailed information can be found in chapter “4. Dimensions” on page 5.
Material
Body
Stainless steel 316Ti (1.4571) for flange 316L (1.4404)
Actuator
Stainless steel 304L (1.4301)
Bellows
Advanced PTFE
Wetted materials
Stainless steel 316Ti/316L, advanced PTFE
Flow direction
Below seat (pressure on port connection 2)
Nominal diameter
DN10, DN6 (flange), others on request
Actuator size
Piston diameter 32 mm
Standard surface quality
Ra = 0.76 µm
Performance data
Pilot air pressure
4.5…10 bar
Seat leakage
5 N
ml/min, measured with air, 8 bar below seat
Pressure range
-0.9…8 bar
Medium data
Medium
Neutral to aggressive gases and liquids
Medium temperature
See “5.1. Pressure temperature diagram” on page 7
Control medium
Neutral gases, air
Process/Port connection & communication
Port connection
Thread, weld, flange (others on request)
Pilot air ports
M5, G ⅛
Environment and installation
Installation position
Preferably actuator upwards
Ambient temperature
- 10…90 °C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com