Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8652 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 8652
Description  Pneumatically operated 2/2 way valve with PTFE bellows
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8652 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  8652 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Type 2080
4 | 8
Visit product website 
2.
Approvals
Approvals
Description
ATEX/IECEx1.)
EPS 18 ATEX 2 008 X
II 2G Ex h IIC T4 Gb/II 2D Ex h IIIC T135 °C Db
IECEx EPS 18.0007X
Ex h IIC T4 Gb/Ex h IIIC T135 °C Db
Certificates
Description
FDA
Diaphragms comply with the Code of Federal Regulations published by the FDA (Food and Drug Admin-
istration, USA).
Standards
Description
Diaphragms are acc. to USP Class VI tested.
EC Regulation 1935/2004/EG
1.) Only in conjunction with variable code “PX51"
3.
Materials
3.1. Chemical Resistance Chart – Bürkert resistApp
Bürkert resistApp – Chemical Resistance Chart
You want to ensure the reliability and durability of the materials in your individual
application case? Verify your combination of media and materials on our website or in
our resistApp.
Start Chemical Resistance Check
3.2. Material specifications
1
2
3
No. Element
Material
1
O-Ring
FKM (not in contact with the
medium)
2
Bellows
Advanced PTFE
3
Body
Stainless steel 316L (1.4571)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com