Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2513 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 2513
Description  3/2 way solenoid valve for pneumatic applica-tions
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2513 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  2513 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Type 5411
4 | 14
Visit product website 
2.
Product versions
2.1. Standard version
Product properties
Dimensions
Detailed information can be found in chapter “5.1. Standard ver-
sion” on page 7.
Electrical data
Operating voltage
24 V DC
24/110/230 V, 50…60 Hz
Power consumption
Inrush
AC: 11 VA
Hold (hot coil)
AC: 6/2 VA/W
DC: 2 W
Voltage tolerance
+ 10 %
Process/Port connection & communication
Port connection size
G ¼
Electrical connection
Tag connectors according to DIN EN 175 301 - 803 Form A for cable
plug Type 2518
Detailed information can be found in chapter “Cable plug Type
2518, Form A according to DIN EN 175301 - 803” on page 12.
Environment and installation
Installation position
As required, preferably with solenoid system upright; air exhausted
from the relief port with pressed sintered bronze silencer must not be
impeded.
Ambient temperature (max.)
55 °C
2.2. ATEX/IECCEx version
Note:
The approval Ex m is achieved by the mounting of an approved push-over coil. The cable connection and the cable are non-detacha-
ble and sealed together with the valve. The valves can be used individually or in blocks.
Product properties
Dimensions
Detailed information can be found in chapter “5.2. Ex m version” on
page 8.
Electrical data
Operating voltage
24/110/230 V UC
Voltage tolerance
+ 10 %
Process/Port connection & communication
Port connection size
G ¼
Electrical connection
3 m cable, moulded
Junction box (without fuse)
Approvals and certificates
Type of protection (ATEX and IECEx)
With moulded cable
EPS 18 ATEX 1232 X / IECEx EPS 18.0110X
II 2G Ex mb IIC (T4/T5/T6) Gb
II 2D Ex mb IIIC T (130 °C/95 °C/80 °C) Db
With junction box
EPS 16 ATEX 1046 X / IECEx EPS 16.0021 X
II 2G EX eb mb IIC (T4/T5/T6) Gb
II 2D EX mb tb IIIC (130 °C/ 95 °C/ 80 °C) Db
Environment and installation
Installation position
As required, preferably with actuator upright
Ambient temperature
Single mounting: - 30 °C…+ 60 °C
Block mounting: - 30 °C…+ 50 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com