Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2513 Datasheet(PDF) 6 Page - Christian Bürkert GmbH & Co. KG

Part # 2513
Description  3/2 way solenoid valve for pneumatic applica-tions
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2513 Datasheet(HTML) 6 Page - Christian Bürkert GmbH & Co. KG

Back Button 2513 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Type 5411
6 | 14
Visit product website 
4.
Materials
4.1. Chemical Resistance Chart – Bürkert resistApp
Bürkert resistApp – Chemical Resistance Chart
You want to ensure the reliability and durability of the materials in your individual
application case? Verify your combination of media and materials on our website or in
our resistApp.
Start Chemical Resistance Check
4.2. Material specifications
2
3
4
6
7
8
10
11
12
9
1
5
No. Element
Material
1
Nut
Steel, surface thick-film passivated (brass
version) Stainless steel 1.4305 PTFE coated
2
Coil
Standard: Polyamide, epoxy
Ex version: epoxy
3
Stopper
1.4105
4
Magnet core
1.4105
5
Flange
Steel, surface thick-film passivated (brass
version) Stainless steel 1.4301 (stainless steel
version)
6
Core seal
FKM
7
Seal poppet
NBR
8
Poppet
Plastic
9
Moulded-in thread
Brass
10
Seal poppet
NBR
11
Body
Polyamide (reinforced)
12
Silencer
Sintered bronze



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com