Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2513 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 2513
Description  4/2 way solenoid valve for pneumatic applica-tions
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2513 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  2513 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Type 5413
3 | 14
Visit product website 
1.
General Technical Data
Product properties
Dimensions
Detailed information can be found in chapter “5. Dimensions” on page 7.
Material
Body
Polyamide (reinforced) with moulded-in brass threads
Coil
Polyamide, Epoxy
Seal
NBR
Nominal diameter
DN6.0 mm
Performance data
Compressed air quality
ISO 8573 - 1:2010, class 7.4.41.)
Flow (Q
Nn value air)
900 l/min (measured at + 20 °C, 6 bar pressure at valve inlet and 1 bar pressure
difference)
Nominal operating mode
100 % ED continuously rated
Switching times2.)
Opening
50 ms pressure rise 0…90 %
Closing
30 ms pressure drop 100…10 %
Electrical data
Operating voltage
24 V DC
24/110/230 V, 50…60 Hz
Power consumption
Version with V DC: 2 W
Version with V AC: 11 VA (inrush), 6 VA (hold)
Voltage tolerance
± 10 %
Medium data
Type of medium
Neutral medium, e.g. lubricated or non-lubricated compressed air
Medium temperature
- 10 °C…+ 60 °C
Medium pressure
1…10 bar
Process/Port connection & communication
Port connection size
G ¼
Electrical connection
Tag connectors according to DIN EN 175 301 - 803 Form A for cable Plug Type 2518
Detailed information can be found in chapter “Cable plug Type 2518, Form A accord-
ing to DIN EN 175301 - 803” on page 12.
Approvals and certificates
Degree of protection
IP65 with cable plug
Environment and installation
Installation position
As required, preferably with solenoid system upright; air exhausted from the relief port
with pressed sintered bronze silencer must not be impeded.
Ambient temperature
55 °C
1.) To prevent freezing of the expanded compressed air, the pressure dew point must be at least 10 K lower than the temperature of the medium.
2.) Measured at + 20 °C, 6 bar pressure at valve inlet and 1 bar pressure difference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com