Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2513 Datasheet(PDF) 12 Page - Christian Bürkert GmbH & Co. KG

Part # 2513
Description  4/2 way solenoid valve for pneumatic applica-tions
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2513 Datasheet(HTML) 12 Page - Christian Bürkert GmbH & Co. KG

Back Button 2513 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Type 5413
12 | 14
Visit product website 
ATEX/IECEx version with manual override, NBR seal and terminal box
Note:
• The maximum media temperature must not exceed the permissible temperature class (T4: 135 °C, T5: 100 °C, T6: 85 °C)
minus 5 K under any circumstances.
• A pressure difference of 1 bar is required for switching. NPT ¼ connection on request.
• Terminal box without fuse.
Circuit function
Nominal
diameter
Port con-
nection
Q
Nn value
air1.)
Pressure
range2.)
Power con-
sumption
Voltage/Fre-
quency
Article no.
[mm]
[inch]
[l/min]
[bar]
[W]
[V/Hz]
Type: G, solenoid valve
4/2 way
servo-controlled
normally open
14
12
2(B)
4(A)
1(P)
3(R)
6.0
G ¼
900
1…10
1.8
024/UC
350419 
048/UC
On request
110/UC
350421 
230/UC
350420 
1.) Flow rate: Q
Nn value air: measurement at + 20 °C, 6 bar pressure at valve inlet, 1 bar pressure difference
2.) Pressure data: overpressure to atmospheric pressure
8.4. Ordering chart accessories
Cable plug Type 2513, Form A according to DIN EN 175301 - 803
Note:
• The cable plug Type 2513 meets the requirements of ATEX category 3 GD.
• For more information on the cable plug, see data sheet Type 2513 .
Cable plug
Circuit diagram
Cable length
Article no.
[mm]
BN
BU
GNYE
12000
260893 
5000
260892 
3000
260891 
300
260890 
Cable plug Type 2518, Form A according to DIN EN 175301 - 803
Note:
Further versions see data sheet Type 2518 .
Cable plug
Dimensions
Version
Voltage
Article no.
35.7
3.5
1.5
29.2
Ø 19
Without circuitry (AC/DC)
0…250 V AC/DC
314802 
With LED (AC/DC)
12…24 V AC/DC
314812 
With LED and varistor (AC/DC)
12…24 V AC/DC
314820 
With rectifier, LED and varistor
12…24 V AC/DC
314816 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com