Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F8323 Datasheet(PDF) 84 Page - Freescale Semiconductor, Inc

Part # 56F8323
Description  16-bit Digital Signal Controllers
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8323 Datasheet(HTML) 84 Page - Freescale Semiconductor, Inc

Back Button 56F8323 Datasheet HTML 80Page - Freescale Semiconductor, Inc 56F8323 Datasheet HTML 81Page - Freescale Semiconductor, Inc 56F8323 Datasheet HTML 82Page - Freescale Semiconductor, Inc 56F8323 Datasheet HTML 83Page - Freescale Semiconductor, Inc 56F8323 Datasheet HTML 84Page - Freescale Semiconductor, Inc 56F8323 Datasheet HTML 85Page - Freescale Semiconductor, Inc 56F8323 Datasheet HTML 86Page - Freescale Semiconductor, Inc 56F8323 Datasheet HTML 87Page - Freescale Semiconductor, Inc 56F8323 Datasheet HTML 88Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 140 page
background image
56F8323 Technical Data, Rev. 17
84
Freescale Semiconductor
Preliminary
6.3 Operating Modes
Since the SIM is responsible for distributing clocks and resets across the chip, it must understand the
various chip operating modes and take appropriate action. These are:
•
Reset Mode, which has two submodes:
— Total Reset Mode
– 56800E Core and all peripherals are reset
— Core-Only Reset Mode
– 56800E Core in reset, peripherals are active
– This mode is required to provide the on-chip Flash interface module time to load data from Flash
into FM registers.
•
Run Mode
The primary mode of operation for this device, in which the 56800E controls chip operation
•
Debug Mode
56800E is controlled via JTAG/EOnCE when in debug mode. All peripherals, except the COP and PWMs,
continue to run. COP is disabled and PWM outputs are optionally switched off to disable any motor from
being driven; see the PWM chapter in the 56F8300 Peripheral User Manual for details.
•
Wait Mode
In Wait mode, the core clock and memory clocks are disabled. Optionally, the COP can be stopped.
Similarly, it is an option to switch off PWM outputs to disable any motor from being driven. All other
peripherals continue to run.
•
Stop Mode
56800E, memory, and most peripheral clocks are shut down. Optionally, the COP and CAN can be stopped.
For lowest power consumption in Stop mode, the PLL can be shut down. This must be done explicitly before
entering Stop mode, since there is no automatic mechanism for this. The CAN (along with any non-gated
interrupt) is capable of waking the chip up from Stop mode, but is not fully functional in Stop mode.
6.4 Operating Mode Register
Figure 6-1 OMR
The reset state for MB will depend on the Flash secured state. See Part 4.2 and Part 7 for detailed
information on how the Operating Mode Register (OMR) MA and MB bits operate in this device. The EX
bit is not functional in this device since there is no external memory interface. For all other bits, see the
56F8300 Peripheral User Manual.
Note:
The OMR is not a Memory Map register; it is directly accessible in code through the acronym OMR.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
NL
CM
XP
SD
R
SA
EX
0
MB
MA
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
RESET
0
0
0000
0
0
0
0
0
0
0
0
X
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com