Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F8323 Datasheet(PDF) 97 Page - Freescale Semiconductor, Inc

Part # 56F8323
Description  16-bit Digital Signal Controllers
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8323 Datasheet(HTML) 97 Page - Freescale Semiconductor, Inc

Back Button 56F8323 Datasheet HTML 93Page - Freescale Semiconductor, Inc 56F8323 Datasheet HTML 94Page - Freescale Semiconductor, Inc 56F8323 Datasheet HTML 95Page - Freescale Semiconductor, Inc 56F8323 Datasheet HTML 96Page - Freescale Semiconductor, Inc 56F8323 Datasheet HTML 97Page - Freescale Semiconductor, Inc 56F8323 Datasheet HTML 98Page - Freescale Semiconductor, Inc 56F8323 Datasheet HTML 99Page - Freescale Semiconductor, Inc 56F8323 Datasheet HTML 100Page - Freescale Semiconductor, Inc 56F8323 Datasheet HTML 101Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 140 page
background image
Clock Generation Overview
56F8323 Technical Data, Rev. 17
Freescale Semiconductor
97
Preliminary
6.5.10.2
Input/Output Short Address Low (ISAL[21:6])—Bit 15–0
This field represents the lower 16 address bits of the “hard coded” I/O short address.
6.6 Clock Generation Overview
The SIM uses an internal master clock from the OCCS (CLKGEN) module to produce the peripheral and
system (core and memory) clocks. The maximum master clock frequency is 120MHz. Peripheral and
system clocks are generated at half the master clock frequency and therefore at a maximum 60MHz. The
SIM provides power modes (Stop, Wait) and clock enables (SIM_PCE register, CLK_DIS, ONCE_EBL)
to control which clocks are in operation. The OCCS, power modes, and clock enables provide a flexible
means to manage power consumption.
Power utilization can be minimized in several ways. In the OCCS, the relaxation oscillator, crystal
oscillator, and PLL may be shut down when not in use. When the PLL is in use, its prescaler and postscaler
can be used to limit PLL and master clock frequency. Power modes permit system and/or peripheral clocks
to be disabled when unused. Clock enables provide the means to disable individual clocks. Some
peripherals provide further controls to disable unused subfunctions. Refer to Part 3 On-Chip Clock
Synthesis (OCCS), and the 56F8300 Peripheral User Manual for further details.
The memory, peripheral and core clocks all operate at the same frequency (60MHz max).
6.7 Power-Down Modes
The 56F8323/56F8123 operate in one of three power-down modes, as shown in Table 6-2
.
All peripherals, except the COP/watchdog timer, run off the IPBus clock frequency, which is the same as
the main processor frequency in this architecture. The maximum frequency of operation is SYS_CLK =
60MHz.
Refer to the PCE register in Part 6.5.9 and ADC power modes. Power is a function of the system
frequency, which can be controlled through the OCCS.
Table 6-2 Clock Operation in Power-Down Modes
Mode
Core Clocks
Peripheral Clocks
Description
Run
Active
Active
Device is fully functional
Wait
Core and memory
clocks disabled
Active
Peripherals are active and can produce
interrupts if they have not been masked off.
Interrupts will cause the core to come out of its
suspended state and resume normal operation.
Typically used for power-conscious applications.
Stop
System clocks continue to be generated in
the SIM, but most are gated prior to
reaching memory, core and peripherals.
The only possible recoveries from Stop mode
are:
1. CAN traffic (1st message will be lost)
2. Non-clocked interrupts (IRQA)
3. COP reset
4. External reset
5. Power-on reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com