Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33287 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 33287
Description  Contact Monitoring and Dual Low-Side Protected Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33287 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  33287 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33287 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33287 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33287 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33287 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33287 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33287 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33287 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33287 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33287
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 33287 Pin Connections
Table 1. 33287 Pin Definitions
Pin Number
Pin Name
Formal Name
Definition
1, 20
VDD1, VDD2
Voltage Power
These are high-voltage power supply 5.0 V pins (VBAT).
5, 4, 3, 2,
19, 18, 17,
16
IN0 – IN7
Input 0 – 7
These are high-voltage input pins.
6, 7, 8
AD0 – AD2
Address
These pins are the addresses for mode and input selection.
9, 11
OUTD1,
OUTD2
Output Drain
These two are output driver pins (drain).
10
GND
Ground
This pin in the ground for the logic and analog circuitry of the device.
12, 13
CD1, CD2
Command Driver
These are the two driver command pins.
14
OUT1
Output 1
This is the output (multiplexed Output 1 = 0 to 6.0 V for IN0 to IN6 and DIAGD1 or
DIAGD2) and DIAGD2 pins.
15
OUT7
Output 7
This is the direct output from IN7 pin.
VDD1
IN2
AD1
AD2
OUTD1
GND
IN1
IN0
AD0
IN3
VDD2
IN6
IN7
OUT7
OUT1
CD1
CD2
OUTD2
IN4
IN5
4
5
6
7
8
9
10
2
3
20
18
14
13
12
11
17
16
15
19
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com