Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33287 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 33287
Description  Contact Monitoring and Dual Low-Side Protected Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33287 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 33287 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33287 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33287 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33287 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33287 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33287 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33287 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33287 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33287 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33287
ELECTRICAL CHARACTERISTICS
TIMING DIAGRAMS
TIMING DIAGRAMS
Figure 4. Timing Characteristics
Figure 5. Timing Test Configuration
t
CD2
tCOMMAND
OUTD2
80%
50%
20%
tON
tFALL
tOFF
tRISE
t
80%
50%
20%
tBIT
∆Bit = t
COMMAND- tBIT
CD1
CD2
OUTD1
OUTD2
VBAT
f = 5.0 kHz
VBAT
R1 = 500
Ω
R2 = 47 k
Ω
C1 = 2.0 nF
C2 = 250 pF
R1 = 500
Ω
R2 = 47 k
Ω
C1 = 2.0 nF
C2 = 250 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com