Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS621X Datasheet(PDF) 15 Page - OSRAM GmbH

Part # AS621X
Description  Digital Temperature Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS621X Datasheet(HTML) 15 Page - OSRAM GmbH

Back Button AS621X Datasheet HTML 11Page - OSRAM GmbH AS621X Datasheet HTML 12Page - OSRAM GmbH AS621X Datasheet HTML 13Page - OSRAM GmbH AS621X Datasheet HTML 14Page - OSRAM GmbH AS621X Datasheet HTML 15Page - OSRAM GmbH AS621X Datasheet HTML 16Page - OSRAM GmbH AS621X Datasheet HTML 17Page - OSRAM GmbH AS621X Datasheet HTML 18Page - OSRAM GmbH AS621X Datasheet HTML 19Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
Document Feedback
AS621x
Register Description
Datasheet
• PUBLIC
DS000677
• v4-00 • 2022-May-17
36
│ 14
6.2.3
Conversion Rate Bits
The conversion rate bits define the number of executed temperature conversions per time unit.
Additional readouts of the temperature register between conversions are possible but not
recommended because the value is changed only after a conversion is finished.
Values of 125 ms, 250 ms, 1 s and 4 s for a conversion can be configured while the default rate is set
to 4 conversions per second. The following table summarizes the different configuration settings:
Figure 15:
Conversion Rate Configuration
Conversion Rate Bits
Conversion Rate
Bit 7
Bit 6
Conv/s
0
0
0.25
0
1
1
1
0
4
1
1
8
The device immediately starts a conversion after a power-on sequence and provides the first result
after typ. 36 ms (max. 51 ms). A higher power consumption occurs during the actual conversion while
the device stays in the standby mode after a finished conversion until the next conversion is activated.
This is shown in the following figure.
Figure 16:
Conversion Sequence
6.2.4
Sleep Mode
The sleep mode is activated by setting the bit SM in the configuration register to 1. This shuts the
device down immediately and reduces the power consumption to a minimum value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com