Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS621X Datasheet(PDF) 18 Page - OSRAM GmbH

Part # AS621X
Description  Digital Temperature Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS621X Datasheet(HTML) 18 Page - OSRAM GmbH

Back Button AS621X Datasheet HTML 14Page - OSRAM GmbH AS621X Datasheet HTML 15Page - OSRAM GmbH AS621X Datasheet HTML 16Page - OSRAM GmbH AS621X Datasheet HTML 17Page - OSRAM GmbH AS621X Datasheet HTML 18Page - OSRAM GmbH AS621X Datasheet HTML 19Page - OSRAM GmbH AS621X Datasheet HTML 20Page - OSRAM GmbH AS621X Datasheet HTML 21Page - OSRAM GmbH AS621X Datasheet HTML 22Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
Document Feedback
AS621x
Register Description
Datasheet
• PUBLIC
DS000677
• v4-00 • 2022-May-17
36
│ 17
6.2.7
Consecutive Faults
A fault condition persists if the measured temperature either exceeds the configured value in register
THIGH or falls below the defined value in register TLOW. As a result, the ALERT pin indicates the
fault condition if a defined number of consecutive temperature readings meets this fault condition. The
number of consecutive faults are defined with two bits (12 and 11) and prevent a false alert if
environmental temperature noise is present. The register configuration is shown in the following table.
Figure 21:
Consecutive Faults Bit Settings
Consecutive Fault Bits
Consecutive Faults (N)
Bit 13
Bit 12
0
0
1
0
1
2
1
0
3
1
1
4
6.2.8
Single Shot Conversion
The device features a single shot measurement mode if the device is in sleep mode (SM=1). By
setting th
e “Single Shot-bit” to 1, a single temperature conversion is started and the SS-bit can be read
as 1 during the active conversion operation. Once the conversion is completed, the device enters the
sleep mode again and the SS-bit is set to 0. The single shot conversion allows very low power
consumption since a temperature conversion is executed on demand only. This allows a user defined
timing of the temperature conversions to be executed and is used if the consecutive operation mode is
not required.
The first conversion triggered in this mode has a longer conversion time. In the section 6.2.4 Sleep
Mode it is detailed together with the recommendation to trigger the first conversion simultaneously with
entering the sleep mode.
As the device exhibits a very short conversion time, the effective conversion rate can be increased by
setting the single shot bit repetitively after a conversion has finished. However, it has to be ensured
that the additional power is limited, otherwise self-heating effects have to be considered.
Figure 22:
Single Shot Conversion Bit Settings
Single Shot Bit
Conversion
0
No conversion ongoing/ conversion finished
1
Start single shot conversion / conversion ongoing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com