Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSG14K Datasheet(PDF) 93 Page - OSRAM GmbH

Part # CSG14K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CSG14K Datasheet(HTML) 93 Page - OSRAM GmbH

Back Button CSG14K Datasheet HTML 89Page - OSRAM GmbH CSG14K Datasheet HTML 90Page - OSRAM GmbH CSG14K Datasheet HTML 91Page - OSRAM GmbH CSG14K Datasheet HTML 92Page - OSRAM GmbH CSG14K Datasheet HTML 93Page - OSRAM GmbH CSG14K Datasheet HTML 94Page - OSRAM GmbH CSG14K Datasheet HTML 95Page - OSRAM GmbH CSG14K Datasheet HTML 96Page - OSRAM GmbH CSG14K Datasheet HTML 97Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 92
Attention
In different scenarios, depending OUTP_BITMODE, other static register uploads are required. Refer
to section Set Output Data Width in section 7.4.3 for detailed uploads.
7.8
Additional Features
7.8.1
Image Statistics
Figure 117:
Stat Registers
Register Name
Bank
Addr
Bits
Description
STAT_NROF_HIST
0
70
[2:0]
0: No image statistics are output
1: Send out 1 histogram: all color channels only
2: Send out 2 histograms: all colors + ReCe
3: Send out 3 histograms: all colors + ReCe + ReCo
4: Send out 4 histograms: all colors + ReCe + ReCo + RoCe
5: Send out 5 histograms: all colors + ReCe + ReCo + RoCe +
RoCo
STAT_FREQ
0
71
[7:0]
Inverse proportional to the number of pixels used in the
statistics gathering. Minimal value is the number of physical
output channels per side on the sensor, i.e. 8.
To support AWB and/or AEC/AGC algorithms in the camera, the sensor produces a 32-bin
histogram for each color channel of the frame that has been sent out. A total histogram (4
color channels combined) is also sent out. The histogram data is gathered from pixels in dual
exposure group 'L'.
Next to the 32 equally distributed bins, also the number of clipped black and clipped white
pixels is sent out.
Note that due to the dual sided readout, 2 image statistics blocks are sent off-chip: one for the
top part and one for the bottom part of the sensor. All statistical data need to be combined to
get the histograms of the total pixel array.
Image statistics are always transferred over the DATA0_OUT channels, one histogram per
row time. Valid image statistics data are indicated by the SVAL bit on the CTR_OUT channel.
The figure below shows the output sequence of a single histogram on a single channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com