Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSG14K Datasheet(PDF) 27 Page - OSRAM GmbH

Part # CSG14K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CSG14K Datasheet(HTML) 27 Page - OSRAM GmbH

Back Button CSG14K Datasheet HTML 23Page - OSRAM GmbH CSG14K Datasheet HTML 24Page - OSRAM GmbH CSG14K Datasheet HTML 25Page - OSRAM GmbH CSG14K Datasheet HTML 26Page - OSRAM GmbH CSG14K Datasheet HTML 27Page - OSRAM GmbH CSG14K Datasheet HTML 28Page - OSRAM GmbH CSG14K Datasheet HTML 29Page - OSRAM GmbH CSG14K Datasheet HTML 30Page - OSRAM GmbH CSG14K Datasheet HTML 31Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 26
●
Transfer of 8-bit data from master to slave (write operation) or from slave to master
(read operation).
Figure 18:
SPI Signal Overview
Pin Name
Direction
Purpose
SPI_CSN
Sensor Input
Active-low chip select
SPI_CLK
Sensor Input
Rising-edge triggered clock for SPI protocol
SPI_MOSI
Sensor Input
Data moving from master to slave
SPI_MISO
Sensor Output
Data moving from slave to master
Data is written to the registers of the SPI slave over the SPI_MOSI wire. The data written to
the programming registers can also be read out over this same SPI interface, using the
SPI_MISO wire. SPI_CSN is an active-low chip select that enables the SPI slave. The details
of the timing and data format are described below.
Figure 19:
SPI Connection Diagram
When using multiple image sensors, the SPI_CLK and SPI_MOSI can be shared among
them. The SPI_CSN operates as a chip select for each of the slaves. The SPI_MISO can also
be shared on a bus because it is tri-stated when it is not used. This configuration of one
master and multiple slaves is shown in Figure 19.
SPI
MASTER
SPI
SLAVE
SPI_CLK
SPI_MOSI
SPI_MISO
SPI_CSN
SPI_CLK
SPI_MOSI
SPI_MISO
SPI_CSN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com