Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S07K14AUTOS2D1 Datasheet(PDF) 2 Page - EPCOS

Part # S07K14AUTOS2D1
Description  Leaded Varistors Automotive Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

S07K14AUTOS2D1 Datasheet(HTML) 2 Page - EPCOS

  S07K14AUTOS2D1 Datasheet HTML 1Page - EPCOS S07K14AUTOS2D1 Datasheet HTML 2Page - EPCOS S07K14AUTOS2D1 Datasheet HTML 3Page - EPCOS S07K14AUTOS2D1 Datasheet HTML 4Page - EPCOS S07K14AUTOS2D1 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
194 04/02
Maximum ratings (TA = 85 °C, TA = 125 °C for S…D1)
Type
(untaped)
SIOV-
Ordering code
VRMS
V
VDC
V
imax
8/20
ms
A
Wmax
(2 ms)
J
Pmax
W
WLD
(10x)
J
12-V supply systems
S07K14AUTOS2D1
B72207S1140K201
14
16
250
0,9
0,02
12
S10K14AUTO
B72210S1140K102
14
16
500
2,0
0,05
25
S10K14AUTOS5D1
B72210S1140K501
14
16
500
2,0
0,05
25
S14K14AUTO
B72214S1140K102
14
16
1000
4,0
0,10
50
S14K14AUTOS5D1
B72214S1140K501
14
16
1000
4,0
0,10
50
S20K14AUTO
B72220S1140K102
14
16
2000
12,0
0,20
100
S10K17AUTO
B72210S1170K102
17
20
500
2,5
0,05
25
S14K17AUTO
B72214S1170K102
17
20
1000
5,0
0,10
50
S20K17AUTO
B72220S1170K102
17
20
2000
14,0
0,20
100
24-V supply systems
S20K25AUTO
B72220S1250K102
25
28
2000
22,0
0,20
100
S14K30AUTO
B72214S1300K102
30
34
1000
9,0
0,10
50
S20K30AUTO
B72220S1300K102
30
34
2000
26,0
0,20
100
Automotive Series
Leaded Varistors



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com