Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S07K14AUTOS2D1 Datasheet(PDF) 4 Page - EPCOS

Part # S07K14AUTOS2D1
Description  Leaded Varistors Automotive Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

S07K14AUTOS2D1 Datasheet(HTML) 4 Page - EPCOS

  S07K14AUTOS2D1 Datasheet HTML 1Page - EPCOS S07K14AUTOS2D1 Datasheet HTML 2Page - EPCOS S07K14AUTOS2D1 Datasheet HTML 3Page - EPCOS S07K14AUTOS2D1 Datasheet HTML 4Page - EPCOS S07K14AUTOS2D1 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
196 04/02
For crimp styles S2 and S5 see page 212
Dimensions
Type
± 1
mm
a
± 1
mm
bmax
mm
smax
mm
hmax
mm
Imin
mm
d
± 0,05
mm
SIOV-S07K14AUTOS2D1
5,0
1,3
9,0
3,5
12,5
30,0
0,6
SIOV-S10K14AUTO
7,5
1,5
13,0
5,0
16,5
30,0
0,8
SIOV-S10K14AUTOS5D1
7,5
1,5
12,0
4,0
16,0
30,0
0,8
SIOV-S14K14AUTO
7,5
1,5
17,0
5,0
20,5
30,0
0,8
SIOV-S14K14AUTOS5D1
7,5
1,5
16,0
4,0
20,0
30,0
0,8
SIOV-S20K14AUTO
10,0
1,6
23,0
5,4
27,5
30,0
1,0
SIOV-S10K17AUTO
7,5
1,6
13,0
5,1
16,5
30,0
0,8
SIOV-S14K17AUTO
7,5
1,7
17,0
5,1
20,5
30,0
0,8
SIOV-S20K17AUTO
10,0
1,6
23,0
5,6
27,5
30,0
1,0
SIOV-S20K25AUTO
10,0
2,9
23,0
6,2
27,5
30,0
1,0
SIOV-S14K30AUTO
7,5
1,8
17,0
5,3
20,5
30,0
0,8
SIOV-S20K30AUTO
10,0
3,2
23,0
6,5
27,5
30,0
1,0
Weight
Size
approx.
S07
0,6 … 0,8 g
S10
1,0 … 2,0 g
S14
2,0 … 4,0 g
S20
3,0 … 6,0 g
ød
bs
e
a
AUTO
VAR0401-Y
e
Bottom view
1) Seating plane in accordance with IEC 60717
1)
Automotive Series
Leaded Varistors



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com